Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 10Page - Analog Devices ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 14 of 24
CONSTANT DRAIN CURRENT (IDD) OPERATION
TA = 25°C, VDD = 5 V, IDD = 900 mA for nominal operation, unless otherwise noted. Figure 47 to Figure 50 biased using the HMC980LP4E
active bias control.
34
32
28
30
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 47. P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
34
32
28
30
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
+85°C
+25°C
–55°C
Figure 48. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
34
32
28
30
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
700mA
800mA
900mA
1000mA
Figure 49. P1dB vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
34
32
28
30
26
24
22
20
10
12
14
16
18
18
44
38
30
42
34
36
40
32
28
26
24
22
20
FREQUENCY (GHz)
700mA
800mA
900mA
1000mA
Figure 50. PSAT vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com