Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices ADPA7006CHIP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADPA7006CHIP
Data Sheet
Rev. 0 | Page 16 of 24
APPLICATIONS INFORMATION
The ADPA7006CHIP is a GaAs, pHEMT, MMIC power
amplifier. Capacitive bypassing is required for all primary and
alternate VGGx and VDDxx pads.
VGGA and VGGB are the gate bias pads for the cascaded amplifiers.
VDD1A, VDD1B, VDD2A, VDD2B, VDD3A, VDD3B, VDD4A, and VDD4B are the
drain bias pads for the cascaded amplifiers.
All measurements for this device were taken using the typical
application circuit (see Figure 62) and were configured as shown
in the assembly diagram (see Figure 64 and Figure 65).
The recommended bias sequence during power-up is as follows:
1.
Connect GND to RF and dc ground.
2.
Set the primary gate bias voltages, VGGA and VGGB, to −1.5 V.
3.
Set all the drain bias voltages, VDDxx, to 5 V.
4.
Increase the gate bias voltage to achieve a quiescent
current, and set IDQ = 800 mA.
5.
Apply the RF signal.
The recommended bias sequence during power-down is as
follows:
1.
Turn off the RF signal.
2.
Decrease the primary gate bias voltage, VGGA, to −1.5 V to
achieve IDQ = 0 mA (approximately).
3.
Decrease all drain bias voltages to 0 V.
4.
Increase the gate bias voltage to 0 V.
Simplified bias pad connections to dedicated gain stages and
dependence and independence among pads are shown in
Figure 51.
The VDD = 5 V and IDQ = 800 mA bias conditions are recom-
mended to optimize overall performance. Unless otherwise
noted, the data shown was taken using the recommended bias
conditions. Operation of the ADPA7006CHIP at different bias
conditions may provide performance that differs from what is
shown in the nominal (VDD = 5 V and IDQ = 800 mA) typical
performance characteristic figures. Biasing the ADPA7006CHIP
for higher drain current typically results in higher P1dB, output
IP3, and gain at the expense of increased power consumption.
MOUNTING AND BONDING TECHNIQUES FOR
MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane with conductive
epoxy (see the Handling Precautions section, the Mounting
section, and the Wire Bonding section).
Microstrip, 50 Ω transmission lines on 0.127 mm thick alumina
thin film substrates are recommended for bringing the RF to
and from the chip. Raise the die 0.075 mm to ensure that the
surface of the die is coplanar with the surface of the substrate.
Place the microstrip substrates as close to the die as possible to
minimize ribbon bond length. Typical die to substrate spacing
is 0.076 mm to 0.152 mm. To ensure wideband matching, a
15 fF capacitive stub is recommended on the PCB before the
ribbon bond.
MMIC
PCB BOARD
50Ω
TRANSMISSION LINE
MATCHING STUB/BONDPAD
SHUNT CAPACITANCE = 15fF
3mil GOLD
RIBBON
3mil GAP
RFIN
Figure 52. High Frequency Input Wideband Matching
Table 8. Power Selection Table1, 2
IDQ (mA)
Gain (dB)
P1dB (dBm)
Output IP3 (dBm)
PDISS (W)
VGGx (V)
700
22.5
29.5
39.2
3.5
−0.7
800
22.9
29.6
37.5
4.0
−0.66
900
23.4
29.7
35.6
4.5
−0.62
1 Data taken at the following nominal bias conditions: VDD = 5 V, T = 25°C.
2 Adjust VGGA from −2 V to 0 V to achieve the desired drain current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com