Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7006CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7006CHIP
Description  18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7006CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7006CHIP Datasheet HTML 11Page - Analog Devices ADPA7006CHIP Datasheet HTML 12Page - Analog Devices ADPA7006CHIP Datasheet HTML 13Page - Analog Devices ADPA7006CHIP Datasheet HTML 14Page - Analog Devices ADPA7006CHIP Datasheet HTML 15Page - Analog Devices ADPA7006CHIP Datasheet HTML 16Page - Analog Devices ADPA7006CHIP Datasheet HTML 17Page - Analog Devices ADPA7006CHIP Datasheet HTML 18Page - Analog Devices ADPA7006CHIP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADPA7006CHIP
Rev. 0 | Page 15 of 24
THEORY OF OPERATION
The architecture of the ADPA7006CHIP, a medium power
amplifier, is shown in Figure 51. The ADPA7006CHIP uses
two cascaded, four-stage amplifiers operating in quadrature
between six 90° hybrids.
The input signal is divided evenly in two, and then each signal
is divided in two again. Each path is amplified through three
independent gain stages. The amplified signals are then
combined at the output. This balanced amplifier approach
forms an amplifier with a combined gain of 23 dB and a PSAT
value of 28 dBm.
A portion of the RF output signal is directionally coupled to a
diode for detection of the RF output power. When the diode is
dc biased, the diode rectifies the RF power and makes the RF
power available for measurement as a dc voltage at VDET. To
allow temperature compensation of VDET, an identical and
symmetrically located circuit, minus the coupled RF power, is
available via VREF. Taking the difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output (see Figure 51).
VDD1B
VGGB
VDD2B
VDD3B
VDD4B
VDD1A
RFIN
RFOUT
VGGA
VDD2A
VDD3A
VDD4A
Figure 51. ADPA7006CHIP Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com