Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 23Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 24Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 256 page
background image
Am79C978A
27
HomePNA PHY Network Interface
HRTXRXP/HRTXRXN
Serial Receive Data
Input/Output
These pins accept the receive input data from the mag-
netics module and carry the transmit output data. A
100-W resistor should be placed between these pins.
Clock Interface
XCLK/XTAL
External Clock/Crystal Select
Input
When HIGH, an external 60-MHz clock source is se-
lected bypassing the crystal circuit and clock trippler.
When LOW, a 20-MHz crystal is used instead. The
following table illustrates how this pin works.
Table 2.
External Clock/Crystal Select
XTAL1
Crystal Oscillator In
Input
The internal clock generator utilizes either a 20-MHz
crystal that is attached to pins XTAL1 and XTAL2 or a
60-MHz clock source connected to XTAL1. This pin is
not 5 V tolerant, and the 60 MHz clock source should
be from a 3.3 V source, not a 5 V clock source.
XTAL2
Crystal Oscillator Out
Output
The internal clock generator utilizes either a 20-MHz
crystal that is attached to pins XTAL1 and XTAL2 or a
60-MHz clock source connected to XTAL1.
External Crystal Characteristics
When using a crystal to drive the oscillator, the fol-
lowing crystal specification in Table 3 may be used to
ensure less than ±0.5 ns jitter at DO±.
Table 3.
Crystal Characteristics
Note: *Requires trimming specification; not trimmed is
50 PPM total.
Power Supply
VDDB
I/O Buffer Power (4 Pins)
+3.3 V Power
These pins are the power supply pins that are used by
the input/output buffer drivers. All VDDB pins must be
connected to a +3.3 V supply.
VDD_PCI
PCI I/O Buffer Power (9 Pins)
+3.3 V Power
These pins are the power supply pins that are used
by the PCI input/output buffer drivers (except PME
driver). All VDD_PCI pins must be connected to a
+3.3 V supply.
VSSB
I/O Buffer Ground (15 Pins)
Ground
These pins are the ground pins that are used by the
input/output buffer drivers.
VDD
Digital Power (7 Pins)
+3.3 V Power
These pins are the power supply pins that are used
by the internal digital circuitry. All VDD pins must be
connected to a +3.3 V supply.
VSS
Digital Ground (7 Pins)
Ground
There are seven ground pins that are used by the internal
digital circuitry.
Input Pin
Output
Pin
XCLK/XTAL
Clock Source
XTAL1
XTAL2
0
20-MHz Crystal
XTAL1
Don’t Care
1
60-MHz Oscillator/
External CLK
Source
Parameter
Min
Nom
Max Units
1. Parallel Resonant
Frequency
20
MHz
2. Resonant Frequency Error
-50
+50
PPM
3. Change in Resonant
Frequency With Respect To
Temperature (0-70°C)*
-40
+40
PPM
4. Crystal Load Capacitance
15
18
33
pF
5. Motional Crystal
Capacitance (C1)
0.022
pF
6. Internal Equivalent Series
Resistance
50
ohm
7. Shunt Capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com