Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 32Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 33Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 34Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 35Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 256 page
background image
Am79C978A
33
it is a single function device. AD[31:11] are “don't
cares.” See Table 7.
Table 7.
Slave Configuration Transfers
The active bytes within a DWord are determined by the
byte enable signals. Eight-bit, 16-bit, and 32-bit trans-
fers are supported. DEVSEL is asserted two clock cy-
cles a f t e r t h e h o st h a s a sse r t ed FR AM E . A ll
co nf ig ura t io n cycle s a r e of f i xe d len g t h . The
Am79C978A controller will assert TRDY on the third
clock of the data phase.
The Am79C978A controller does not support burst
transfers for access to configuration space. When the
host keeps FRAME asserted for a second data phase,
the Am79C978A controller will disconnect the transfer.
When the host tries to access the PCI configuration
space while the automatic read of the EEPROM after
H_RESET (see section on RESET) is on-going, the
Am79C978A controller will terminate the access on the
PCI bus with a disconnect/retry response.
The Am79C978A controller supports fast back-to-back
transactions to different targets. This is indicated by the
Fast Back-To-Back Capable bit (PCI Status register, bit
7), which is hardwired to 1. The Am79C978A controller
is capable of detecting a configuration cycle even when
its address phase immediately follows the data phase
of a transaction to a different target without any idle
state in-between. There will be no contention on the
DEVSEL , TR DY, and STOP sign als, since th e
Am79C978A controller asserts DEVSEL on the second
clock after FRAME is asserted (medium timing).
Slave I/O Transfers
After the Am79C978A controller is configured as
an I/O device by setting IOEN (for regular I/O
mode) or MEMEN (for memory mapped I/O mode)
in the PCI Command register, it starts monitoring
the PCI bus for access to its CSR, BCR, or EE-
PROM lo cations. If configured for re gu lar I/ O
mode, the Am79C978A controller will look for an
address that falls within its 32 bytes of I/O address
space (starting from the I/O base address). The
Am79C978A controller asserts DEVSEL if it de-
tects an address match and the access is an I/O
cycle. If configured for memory mapped I/O mode,
the Am79C978A controller will look for an address
that falls within its 32 bytes of memory address
space (starting from the memory mapped I/O base
address). The Am79 C9 78 A contro ller asser ts
DEVSEL if it detects an address match and the ac-
cess is a memory cycle. DEVSEL is asserted two
clock cycles after the host has asserted FRAME.
See Figure 3 and Figure 4.
The Am79C978A controller will not assert DEVSEL if
it detects an address match and the PCI command is
not of the correct type. In memory mapped I/O mode,
the Am79C978A controller aliases all accesses to the
I/O resources of the command types Memory Read
Multiple and Memory Read Line to the basic Memory
Read command. All accesses of the type Memory
Write and Invalidate are aliased to the basic Memory
Write command. Eight-bit, 16-bit, and 32-bit non-
burst transactions are supported. The Am79C978A
controller decodes all 32 address lines to determine
which I/O resource is accessed.
The typical number of wait states added to a slave I/O
or memory mapped I/O read or write access on the part
of the Am79C978A controller is six to seven clock cy-
cles, depending upon the relative phases of the internal
Buffer Management Unit clock and the CLK signal,
since the internal Buffer Management Unit clock is a
divide-by-two version of the CLK signal.
The Am79C978A controller does not support burst
transfers for access to its I/O resources. When the host
keeps FRAME asserted for a second data phase, the
Am79C978A controller will disconnect the transfer.
The Am79C978A controller supports fast back-to-back
transactions to different targets. This is indicated by
the Fast Back-To-Back Capable bit (PCI Status regis-
ter, bit 7), which is hardwired to 1. The Am79C978A
controller is capable of detecting an I/O or a memory-
mapped I/O cycle even when its address phase imme-
diately follows the data phase of a transaction to a
different target, without any idle state in-between.
There will be no contention on the DEVSEL, TRDY,
and STOP signals, since the Am79C978A controller
asserts DEVSEL on the second clock after FRAME is
asserted (medium timing). See Figure 5 and Figure 6.
AD31
AD11
AD10
AD8
AD7
AD2
AD1
AD0
Don’t care
Don’t care
DWord
Index
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com