Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 63Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 64Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 65Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 66Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 67Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 68Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 69Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 70Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 256 page
background image
Am79C978A
67
Transmit FCS Generation
Automatic generation and transmission of FCS for a
transmit frame depends on the value of DXMTFCS
(CSR15, bit 3). If DXMTFCS is cleared to 0, the trans-
mitter will generate and append the FCS to the trans-
mitted frame. If the automatic padding feature is
invoked (APAD_XMT is set in CSR4), the FCS will be
appended by theAm79C978A controller regardless of
the state of DXMTFCS or ADD_FCS (TMD1, bit 29).
Note that the calculated FCS is transmitted most signif-
icant bit first. The default value of DXMTFCS is 0 after
H_RESET.
ADD_FCS (TMD1, bit 29) allows the automatic gener-
ation and transmission of FCS on a frame-by-frame
basis. DXMTFCS should be cleared to 0 in this mode.
To generate FCS for a frame, ADD_FCS must be set in
all descriptors of a frame (STP is set to 1). Note that bit
29 of TMD1 has the function of ADD_FCS if SWSTYLE
(BCR20, bits 7-0) is programmed to 0, 2, or 3.
Transmit Exception Conditions
Exception conditions for frame transmission fall into
two distinct categories: those conditions which are
the result of normal network operation, and those
which occur due to abnormal network and/or host re-
lated events.
Normal events which may occur and which are handled
autonomously by the Am79C978A controller include
collisions within the slot time with automatic retry. The
Am79C978A controller will ensure that collisions which
occur within 512 bit times from the start of transmission
(including preamble) will be automatically retried with
no host intervention. The transmit FIFO ensures this by
guaranteeing that data contained within the FIFO will
not be overwritten until at least 64 bytes (512 bits) of
preamble plus address, length, and data fields have
been transmitted onto the network without encounter-
ing a collision. Note that if DRTY (CSR15, bit 5) is set
to 1 or if the network interface is operating in full-duplex
mode, no collision handling is required, and any byte of
frame data in the FIFO can be overwritten as soon as
it is transmitted.
If 16 total attempts (initial attempt plus 15 retries)
fail, the Am79C978A controller sets the RTRY bit in
the current transmit TDTE in host memory (TMD2),
gives up ownership (resets the OWN bit to 0) for
this frame, and processes the next frame in the
transmit ring for transmission.
Abnormal network conditions include:
n Loss of carrier
n Late collision
n SQE Test Error (does not apply to 100 Mbps networks.)
These conditions should not occur on a correctly con-
figured IEEE 802.3 network operating in half-duplex
mode. If they do, they will be reported. None of these
conditions will occur on a network operating in full-
duplex mode. (See the section on Full-Duplex Opera-
tion for more detail.)
When an error occurs in the middle of a multi-buffer
frame transmission, the error status will be written in the
current descriptor. The OWN bit(s) in the subsequent
descriptor(s) will be cleared until the STP (the next
frame) is found.
Loss of Carrier
LCAR will be reported for every frame transmitted if the
Am79C978A controller detects a loss of carrier.
Late Collision
A late collision will be reported if a collision condition oc-
curs after one slot time (512 bit times) after the transmit
process was initiated (first bit of preamble commenced).
The Am79C978A controller will abandon the transmit
process for that frame, set Late Collision (LCOL) in the
associated TMD2, and process the next transmit frame
in the ring. Frames experiencing a late collision will not
be retried. Recovery from this condition must be per-
formed by upper layer software.
SQE Test Error
If the network port is in Link Fail state, CERR will be
asserted in the 10BASE-T mode after transmit. CERR
will never cause INTA to be activated. It will, however,
set the ERR bit CSR0.
Receive Operation
The receive operation and features of the Am79C978A
controller are controlled by programmable options. The
Am79C978A controller offers a large receive FIFO to
provide frame buffering for increased system latency,
automatic flushing of collision fragments (runt packets),
automatic receive pad stripping, and a variety of ad-
dress match options.
Receive Function Programming
Automatic pad field stripping is enabled by setting the
ASTRP_RCV bit in CSR4. This can provide flexibility
in the reception of messages using the IEEE 802.3
frame format.
All receive frames can be accepted by setting the
PROM bit in CSR15. Acceptance of unicast and
broadcast frames can be individually turned off by
setting the DRCVPA or DRCVBC bits in CSR15.
The Physical Address register (CSR12 to CSR14)
stores the address that theAm79C978A controller
compares to the destination address of the incom-
ing frame for a unicast address match. The Logical
Address Filter register (CSR8 to CSR11) serves as
a hash filter for multicast address match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com