Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 85Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 86Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 87Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 88Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 89Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 90Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 91Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 92Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 256 page
background image
Am79C978A
89
Figure 48.
Pattern Match RAM
When the controller detects a Magic Packet frame, it sets
the MPMAT bit (CSR116, bit 5), the MPINT bit (CSR5, bit
4), and the PME_STATUS bit (PMCSR, bit 15). If the
PME_EN or the PME_EN_OVR bits are set, the PME will
be asserted as well. If IENA (CSR0, bit 6) and MPINTE
(CSR5, bit 3) are set to 1, INTA will be asserted. Any one
of the four LED pins can be programmed to indicate that
a Magic Packet frame has been received. MPSE (BCR4-
7, bit 9) must be set to 1 to enable that function.
CAUTION: The polarity of the LED pin can be pro-
grammed to be active HIGH by setting LEDPOL
(BCR4-7, bit 14) to 1.
Once a Magic Packet frame is detected, the con-
troller will discard the frame internally, but will not
resume normal transmit and receive operations
until PG is asser ted or MPEN is cleared. Once
both of these events has occurred, indicating that
the system has detected the Magic Packet and is
awake, the controller will continue polling receive
and transmit descriptor rings where it left off. It is
not necessary to re-initialize the device. If the part
is re-initialized, then the descriptor locations will
be reset and the controller will not start where it
left off.
If magic packet mode is disabled by the assertion of PG,
then in order to immediately re-enable Magic Packet
mode, the PG pin must remain deasserted for at least 200
ns before it is reasserted. If Magic Packet mode is dis-
abled by clearing MPEN bit, then it may be immediately
re-enabled by setting MPEN back to 1.
BCR 47
BCR 46
BCR 45
BCR Bit Number 15
8
7
0 15
8
7
0 15
8
PMR_B4
PMR_B3
PMR_B2
PMR_B1
PMR_B0
Pattern Match
RAM Address
Pattern Match RAM Bit Number
39
32
31
24
23
16
15
8
7
0
Comments
0
P3 pointer
P2 pointer
P1 pointer
P0 pointer
Pattern Enable
bits
First Address
1
P7 pointer
P6 pointer
P5 pointer
P4 pointer
X
Second
Address
2
Data Byte 3
Data Byte 2
Data Byte1
Data Byte 0
Pattern Control
Start Pattern
P1
2+n
Data Byte 4n+3
Date Byte 4n+2
Data Byte 4n+1
Data Byte 4n+0
Pattern Control
End Pattern P1
J
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
Pattern Control
Start Pattern
Pk
J+m
Data Byte 4m+3 Data Byte 4m+2 Data Byte 4m+1 Data Byte 4m+0
Pattern Control
End Pattern Pk
63
Last Address
7
6
5
4
3
2
1
0
EOP
SKIP
MASK
22399A-51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com