Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 66Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 67Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 68Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 69Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 70Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 71Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 72Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 73Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 256 page
background image
70
Am79C978A
Figure 36.
IEEE 802.3 Frame and Length Field Transmission Order
The receive FIFO will delete any frame that is com-
posed of fewer than 64 bytes provided that the Runt
Packet Accept (RPA bit in CSR124) feature has not
been enabled and the network interface is operating
in half-duplex mode, or the full-duplex Runt Packet
Accept Disable bit (FDRPAD, BCR9, bit 2) is set.
This criterion will be met regardless of whether the
receive frame was the first (or only) frame in the
FIFO or if the receive frame was queued behind a
previously received message.
Abnormal network conditions include:
n FCS errors
n Late collision
Host related receive exception conditions include
MISS, BUFF, and OFLO. These are described in the
Buffer Management Unit section.
Loopback Operation
Loopback is a mode of operation intended for system
diagnostics. In this mode, the transmitter and receiver
are both operating at the same time so that the
Am79C978A controller receives its own transmissions.
The Am79C978A controller provides two basic types of
loopback. In internal loopback mode, the transmitted
data is looped ba ck to the receiver in side th e
Am79C978A controller without actually transmitting
any data to the external network. The receiver will
move the received data to the next receive buffer,
where it can be examined by software. Alternatively, in
external loopback mode, data can be transmitted to
and received from the external network.
Refer to Table 30 for various bit settings required for
Loopback modes.
The external loopback requires a two-step operation.
The internal PHY must be placed into a loopback mode
by writing to the PHY Control Register (BCR33,
BCR34). Then, the Am79C978A controller must be
placed into an external loopback mode by setting the
Loop bits.
Miscellaneous Loopback Features
All transmit and receive function programming, such as
automatic transmit padding and receive pad stripping,
operates identically in loopback as in normal operation.
Runt Packet Accept is internally enabled (RPA bit in
CSR124 is not affected) when any loopback mode is in-
voked. This is to be backwards compatible to the
C-LANCE (Am79C90) software.
Since the Am79C978A controller has two FCS genera-
tors, there are no more restrictions on FCS generation
or checking, or on testing multicast address detection
as they exist in the half-duplex PCnet family devices
and in the C-LANCE. On receive, the Am79C978A
controller now provides true FCS status. The descriptor
for a frame with an FCS error will have the FCS bit
(RMD1, bit 27) set to 1. The FCS generator on the
transmit side can still be disabled by setting DXMTFCS
(CSR15, bit 3) to 1.
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 – 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
Start of Frame
at Time = 0
Increasing Time
Bit
0
Bit
7
Bit
0
Bit
7
Most
Significant
Byte
Least
Significant
Byte
1 – 1500
Bytes
45 – 0
Bytes
22399A-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com