Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 72Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 73Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 74Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 75Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 76Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 78Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 256 page
background image
76
Am79C978A
Figure 39.
AID Symbol Transmit Timing
Figure 40.
AID Symbol Receive Timing
AID Symbols 1 through 6
AID symbols 1 through 4 are used to identify individual
stations to enable reliable collision detection as described
in the Collisions section. Symbols 5 and 6 are used to
transmit remote control management commands across
the network. Coding and timing details are as follows.
The SYNC interval is followed by six AID symbols (sym-
bols 1 through 6). Transmit timing is shown in Figure 39;
receive timing in Figure 40. Data is encoded in the relative
position of each pulse with respect to the previous one. A
pulse may occur at one, and only one, of the four possible
positions within an AID symbol yielding two bits of data
coded per AID symbol.
The decoded bits from the AID symbols 1 to 4 produce
eight bits of Access ID which is used to identify individual
HomePNA stations and to detect collisions. The MSB is
encoded in AID Symbol 1 and is the leftmost bit in
Table 14.
AID Symbol 0
AID Symbol 1
AID Symbol 2
pulse 2
shown in position 1
pulse 0
pulse 1
TIC=129
and
TIC=0
TIC=128
and
TIC=0
SYNC_START
TIC=0
SYNC_END
TIC=126
AID_Position_0
TIC=66
AID_Position_1
TIC=86
AID_Position_2
TIC=106
AID_Position_3
TIC=126
Transmitter
22399A-42
AID Symbol 0
AID Symbol 1
AID Symbol 2
pulse 2
shown in position 1
pulse 0
pulse 1
TIC=129
and
TIC=0
TIC=129
and
TIC=0
SYNC_START
TIC=0
SYNC_END
TIC=126
AID_Position_0
TIC=66
AID_Position_1
TIC=86
AID_Position_2
TIC=106
AID_Position_3
TIC=126
Receiver
AID slice threshold
END_RCV_BLANK
AID_GUARD_INTERVAL
Detected envelope
22399A-43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com