Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 25Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 32Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 256 page
background image
Am79C978A
29
BASIC FUNCTIONS
System Bus Interface
The Am79C978A controller is designed to operate as a
bus master during normal operations. Some slave I/O
accesses to the Am79C978A controller are required in
nor mal operations as well. Initialization of the
Am79C978A controller is achieved through a combina-
tion of PCI Configuration Space accesses, bus slave
accesses, bus master accesses, and an optional read
of a ser ial EEPROM that is pe rfor med by the
Am79C978A controller. The EEPROM read operation
is performed through the 93C46 EEPROM interface.
The ISO 8802-3 (IEEE/ANSI 802.3) Ethernet Address
may reside within the serial EEPROM. Some controller
configuration registers may also be programmed by the
EEPROM read operation.
The Address PROM, on-chip board-configuration reg-
isters, and the Ethernet controller registers occupy 32
bytes of address space. I/O and memory mapped I/O
accesses are supported. Base Address registers in the
PCI configuration space allow locating the address
space on a wide variety of starting addresses.
Software Interface
The software interface to the Am79C978A controller is
divided into three parts. One part is the PCI configura-
tion registers used to identify the Am79C978A control-
ler and to setup the configuration of the device. The
setup information includes the I/O or memory mapped
I/O base address, mapping of the Expansion ROM,
and the routing of the Am79C978A controller interrupt
channel. This allows for a jumperless implementation.
The second portion of the software interface is the di-
rect access to the I/O resources of the Am79C978A
controller. The Am79C978A controller occupies 32
bytes of address space that must begin on a 32-byte
block boundary. The address space can be mapped
into I/O or memory space (memory mapped I/O). The
I/O Base Address Register in the PCI Configuration
Space controls the start address of the address space
if it is mapped to I/O space. The Memory Mapped I/O
Base Address Register controls the start address of
the address space if it is mapped to memory space.
The 32-byte address space is used by the software to
program the Am79C978A controller operating mode,
to enable and disable various features, to monitor op-
erating status, and to request particular functions to
be executed by the Am79C978A controller.
The third portion of the software interface is the
descriptor and buffer areas that are shared be-
tween the software and the Am79C978A controller
during normal network operations. The descriptor
area boundaries are set by the software and do not
change during normal network operations. There
is one descriptor area for receive activity, and
there is a separate area for transmit activity. The
descriptor space contains relocatable pointers to
the network frame data, and it is used to transfer
frame status from the Am79C978A controller to the
software. The buffer areas are locations that hold
frame data for transmission or that accept frame
data that has been received.
Network Interfaces
The Am79C978A controller provides all of the PHY
layer functions for 10 Mbps (10BASE-T) or 1 Mbps.
The Am79C978A controller supports both half-duplex
and full-duplex operation on the network MII interface.
Media Independent Interface
The Am79C978A controller fully supports the MII ac-
cording to the IEEE 802.3 standard. This Reconcilia-
tion Sublayer interface allows a variety of PHYs
(10 0 BASE-T X , 10 0BASE-FX, 1 00BASE-T4,
100BASE-T2, 10BASE-T, etc.) to be attached to the
Am79C978A device without future upgrade problems.
The MII interface is a 4-bit (nibble) wide data path in-
terface that runs at 25 MHz for 100-Mbps networks or
2.5 MHz for 10-Mbps networks. The interface consists
of two independent data paths, receive (RXD(3:0))
and transmit (TXD(3:0)), control signals for each data
path (RX_ER, RX_DV, TX_EN), network status sig-
nals (COL, CRS), clocks (RX_CLK, TX_CLK) for each
data path, and a two-wire management interface
(MDC and MDIO). See Figure 1.
MII Transmit Interface
The MII transmit clock is generated by the external
PHY and is sent to the Am79C978A controller on
the TX_CLK input pin. The clock can run at 25 MHz
or 2.5 MHz, depending on the speed of the net-
work to which the external PHY is attached. The
data is a nibble-wide (4 bits) data path, TXD(3:0),
from the Am79C978A controller to the exter nal
PHY and is synchronous to the r ising edge of
TX_CLK. The transmit process star ts when the
Am79C978A controller asserts the TX_EN, which
indicates to the exter nal PHY that the data on
TXD(3:0) is valid.
Normally, unrecoverable errors are signaled through
the MII to the external PHY with the TX_ER output pin.
The external PHY will respond to this error by generat-
ing a TX coding error on the current transmitted frame.
The Am79C978A controller does not use this method
of si g nal i n g er r o r s on th e t rans m it s id e. T h e
Am79C978A controller will invert the FCS on the last
byte generating an invalid FCS. The TX_ER pin should
be tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com