Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 43Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 44Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 45Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 46Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 256 page
background image
46
Am79C978A
Figure 20.
Target Abort
When the preemption occurs after the counter has
counted down to 0, the Am79C978A controller will fin-
ish the current data phase, deassert FRAME, finish the
last data phase, and release the bus. Note that it is im-
portant for the host to program the PCI Latency Timer
according to the bus bandwidth requirement of the
Am79C978A controller. The host can determine this
bus bandwidth requirement by reading the PCI
MAX_LAT and MIN_GNT registers.
Figure 22 assumes that the PCI Latency Timer has
counted down to 0 on clock 7.
Master Abort
TheAm79C978A controller will terminate its cycle with
a Master Abort sequence if DEVSEL is not asserted
within 4 clocks after FRAME is asserted. Master Abort
is treated as a fatal error by the Am79C978A controller.
The Am79C978A controller will reset all CSR locations
to their STOP_RESET values. The BCR and PCI con-
figuration registers will not be cleared. Any on-going
network transmission is terminated in an orderly se-
quence. If less than 512 bits have been transmitted
onto the network, the transmission will be terminated
immediately, generating a runt packet. If 512 bits or
more have been transmitted, the message will have the
current FCS inverted and appended at the next byte
boundary to guarantee an FCS error is detected at the
receiving station.
RMABORT (in the PCI Status register, bit 13) will be
set to indicate that the Am79C978A controller has ter-
minated its transaction with a master abort. In addi-
tion, SINT (CSR5, bit 11) will be set to 1. When SINT
is set, INTA is asserted if the enable bit SINTE (CSR5,
bit 10) is set to 1. This mechanism can be used to in-
form the driver of the system error. The host can read
the PCI Status register to determine the exact cause
of the interrupt. See Figure 23.
Parity Error Response
During every data phase of a DMA read operation,
when the target indicates that the data is valid by as-
serting TRDY, the Am79C978A controller samples the
AD[31:0], C/BE[3:0], and the PAR lines for a data par-
ity error. When it detects a data parity error, the
Am79C978A controller sets PERR (PCI Status regis-
ter, bit 15) to 1. When reporting of that error is enabled
by setting PERREN (PCI Command register, bit 6) to
1, the Am79C978A controller also drives the PERR
signal low and sets DATAPERR (PCI Status register,
bit 8) to 1. The assertion of PERR follows the cor-
rupted data/byte enables by two clock cycles and PAR
by one clock cycle.
Figure 24 shows a transaction that has a parity
error in the data phase. TheAm79C978A controller
asserts PERR on clock 8, two clock cycles after
data is valid. The data on clock 5 is not checked for
parity, because on a read access, PAR is only re-
quired to be valid one clock after the target has as-
ser ted TR DY. Th eAm79C978A contro ller th en
drives PERR high for one clock cycle, since PERR
is a sustained tri-state signal.
During every data phase of a DMA write operation,
the Am79C978A controller checks the PERR input to
see if the target reports a parity error. When it sees
the PERR input asserted, the Am79C978A controller
sets PERR (PCI Status register, bit 15) to 1. When
PERREN (PCI Command register, bit 6) is set to 1,
the Am79C978A controller also sets DATAPERR
(PCI Status register, bit 8) to 1.
AME
CLK
AD
IRDY
TRDY
C/BE
VSEL
REQ
GNT
PAR
DEVSEL is sampled
2
34567
ADDR
0000
0111
PAR
PAR
DATA
TOP
1
22399A-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com