Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 53Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 54Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 55Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 56Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 57Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 58Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 256 page
background image
Am79C978A
55
Note that the Am79C978A controller will always per-
form a DWord transfer as long as it owns the buffer
space, even when there are less than four bytes to
write. For example, if there is only one byte left for
the current receive frame, the Am79C978A controller
will write a full DWord, containing the last byte of the
receive frame in the least significant byte position
(BSWP is cleared to 0, CSR3, bit 2). The content of
the other three bytes is undefined. The message
byte count in the receive descriptor always reflects
the exact length of the received frame.
Figure 31.
FIFO Burst Write at Start of Unaligned
Buffer
TheAm79C978A controller will continue transferring
FIFO data until the transmit FIFO is filled to its high
threshold (read transfers) or the receive FIFO is emp-
tied to its low threshold (write transfers), or the
Am79C978A controller is preempted and the PCI La-
tency Timer is expired. The host should use the val-
ues in the PCI MIN_GNT and MAX_LAT registers to
determine the value for the PCI Latency Timer.
Figure 32.
FIFO Burst Write at End of Unaligned
Buffer
The exact number of total transfer cycles in the bus
mastership period is dependent on all of the following
variables: the settings of the FIFO watermarks, the
conditions of the FIFOs, the latency of the system bus
to the Am79C978A controller’s bus request, and the
speed of bus operation. The TRDY response time of
the memory device will also affect the number of trans-
fers, since the speed of the accesses will affect the
state of the FIFO. During accesses, the FIFO may be
filling or emptying on the network end. For example, on
a receive operation, a slower TRDY response will allow
additional data to accumulate inside of the FIFO. If the
accesses are slow enough, a complete DWord may be-
come available before the end of the bus mastership
period and, thereby, increase the number of transfers
in that period. The general rule is that the longer the
Bus Grant latency, the slower the bus transfer opera-
tions; the slower the clock speed, the higher the trans-
mit watermark; or the lower the receive watermark, the
longer the total burst length will be.
When a FIFO DMA burst operation is preempted,
the Am79C978A controller will not relinquish bus
ownership until the PCI Latency Timer expires.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
23456
0000
0111
PAR
PAR
PAR
DEVSEL is sampled
0001
PAR
DATA
DATA
DATA
ADD
22399A-34
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
234567
0000
0111
PAR
PAR
PAR
PAR
DEVSEL is sampled
1110
PAR
DATA
DATA
DATA
ADD
22399A-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com