Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 75Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 76Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 78Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 80Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 81Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 82Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 256 page
background image
Am79C978A
79
Data Symbol RLL25 Encoding
The RLL25 code is the version of TM32 that was devel-
oped for the HomePNA PHY. It produces both the high-
est bit rate for a given value of ISBI and TIC size. In a
manner similar to run length limited disk coding, RLL25
encodes data bits in groups of varying sizes, specifically:
4, 5, 6, and 7 bits. Pulse positions are assigned to the
encoded bit groups in a manner, which causes more
data bits to be encoded in positions that are farther
apart. This keeps both the average and minimum bit
rates higher.
Data symbol RLL25 codes data by traversing a tree
as illustrated in Figure 43. Assume that successive
data bits to be encoded are labeled A, B, C, D,…, etc.
The encoding process begins at the root node and
proceeds as follows:
1. If the first bit (bit A) is a one, the next three bits
(B, C, and D) select which one of the eight posi-
tions 1-8 is transmitted. The encoding process
then continues at the root node.
2. If bit A is a zero and bit B is a one, the next three bits
(C, D, and E) select which one of the eight positions
9-16 is transmitted. The encoding process then
continues at the root node.
3. If bit A is a zero, bit B is a zero, and bit C is a one,
the next three bits (D, E, and F) select which one of
the eight positions 17-24 is transmitted. The encod-
ing process then continues at the root node.
4. Finally, if bits A, B, and C are all zeros, position 0 is
transmitted. The encoding process then continues
at the root node.
As a result, Symbol 0 encodes the 3-bit data pattern
000, positions 1-8 encode the 4-bit data pattern
1BCD, positions 9-16 encode the 5-bit data pattern
01CDE, and positions 17-24 encode the 6-bit data
pattern 001DEF. If the data encoded is random, 50%
of the positions used will be for 4-bit patterns, 25% will
be for 5-bit patterns, 12.5% will be for 6-bit patterns,
and 12.5% will be for 3-bit patterns.
Management Interfaces
The HomePNA PHY may be managed from either of two
interfaces (the managed parameters vary depending on
the interface):
1. Remote Control-Word management commands
embedded in the HomePNA AID header on the wire
network.
2. Management messages from a local management
entity.
Figure 43.
RLL 25 Coding Tree
C
D
These select position 1 - 8
A
B
E
F
Awaiting coding and transmission
Encoded and
Start: Examine the next
bits to be encoded
C
D
1
B
These select position 9 - 16
C
D
0
1
E
These select position 17- 24
1
D
0
0
E
F
0
0
0
A = ?
B = ?
C = ?
1
1
1
1
0
0
0
Send symbol 1-8
Send symbol 9-16
Send symbol 17-24
Send symbol 0
Data stream from MAC controller
22399A-46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com