Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 26Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 27Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 28Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 29Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 30Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 31Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 32Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 33Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 256 page
background image
30
Am79C978A
Figure 1.
Media Independent Interface
MII Receive Interface
The MII receive clock is also generated by the external
PHY and is sent to the Am79C978A controller on the
RX_CLK input pin. The clock will be the same fre-
quency as the TX_CLK but will be out of phase and can
run at 25 MHz or 2.5 MHz, depending on the speed of
the network to which the external PHY is attached.
The RX_CLK is a continuous clock during the reception
of the frame, but can be stopped for up to two RX_CLK
periods at the beginning and the end of frames, so that
the external PHY can sync up to the network data traffic
necessary to recover the receive clock. During this
time, the external PHY may switch to the TX_CLK to
maintain a stable clock on the receive interface. The
Am79C978A controller will handle this situation with no
loss of data. The data is a nibble-wide (4 bits) data
pa th, RXD (3:0 ), from the exter n al PHY to th e
Am79C978A controller and is synchronous to the rising
edge of RX_CLK.
The receive process starts when RX_DV is asserted.
RX_DV will remain asserted until the end of the receive
frame. The Am79C978A controller requires CRS (Carrier
Sense) to toggle in between frames in order to receive
them properly. Errors in the currently received frame are
signaled across the MII by the RX_ER pin. RX_ER can be
used to signal special conditions out of band when RX_DV
is not asserted. Two defined out-of-band conditions for this
are the 100BASE-TX signaling of bad Start of Frame De-
limiter and the 100BASE-T4 indication of illegal code group
before the receiver has synched to the incoming data. The
Am79C978A controller will not respond to these condi-
tions. All out of band conditions are currently treated as
NULL events. Certain in band non-IEEE 802.3u-compliant
flow control sequences may cause erratic behavior for the
Am79C978A controller.
MII Network Status Interface
The MII also provides signals that are consistent and
necessary for IEEE 802.3 and IEEE 802.3u operation.
These signals are CRS (Carrier Sense) and COL (Col-
lision Sense). Carrier Sense is used to detect non-idle
activity on the network. Collision Sense is used to indi-
cate that simultaneous transmission has occurred in a
half-duplex network.
MII Management Interface
The MII provides a two-wire management interface so
that the Am79C978A controller can control and receive
status from external PHY devices.
The Network Port Manager copies the PHYAD after
the Am79C978A controller reads the EEPROM and
uses it to communicate with the external PHY. The
PHY address must be programmed into the EEPROM
prior to starting the Am79C978A controller. This is
necessary so that the internal management controller
can work autonomously from the software driver and
can always know where to access the external PHY.
The Am79C978A controller is unique by offering di-
rect hardware support of the external PHY device
without software support. The PHY address of 1Fh is
reserved and should not be used. To access the ex-
ternal PHYs, the software driver must have knowl-
edge of the external PHY’s address when multiple
PHYs are present before attempting to address it.
The MII Management Interface uses the MII Control, Ad-
dress, and Data registers (BCR32, 33, 34) to control and
communicate to the external PHYs. The Am79C978A
controller generates MII management frames to the ex-
ternal PHY through the MDIO pin synchronous to the ris-
ing edge of the Management Data Clock (MDC) based on
a combination of writes and reads to these registers.
4
RXD(3:0)
RX_DV
RX_ER
RX_CLK
4
TXD(3:0)
TX_EN
Am79C978A
COL
CRS
Receive Signals
Transmit Signals
Management Port Signals
Network Status Signals
TX_CLK
MDIO
MDC
22399A-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com