Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 35Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 36Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 37Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 38Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 39Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 40Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 41Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 42Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 256 page
background image
Am79C978A
39
Master Bus Interface Unit
The master Bus Interface Unit (BIU) controls the
acquisition of the PCI bus and all accesses to the
initialization block, descriptor rings, and the re-
ceive and transmit buffer memory. Table 8 shows
the usage of PCI commands by the Am79C978A
controller in master mode.
Bus Acquisition
The microcode will determine when a DMA transfer
should be initiated. The first step in any bus master
transfer is to acquire ownership of the bus. This task is
handled by synchronous logic within the BIU. Bus own-
ership is requested with the REQ signal and ownership
is granted by the arbiter through the GNT signal.
Figure 13 shows the Am79C978A controller bus acqui-
sition. REQ is asserted and the arbiter returns GNT
while another bus master is transferring data. The
Am79C978A controller waits until the bus is idle
(FRAME and IRDY deasserted) before it starts driving
AD[31:0] and C/BE[3:0] on clock 5. FRAME is asserted
at clock 5 indicating a valid address and command on
AD[31:0] and C/BE[3:0]. The Am79C978A controller
does not use address stepping which is reflected by
ADSTEP (bit 7) in the PCI Command register being
hardwired to 0.
Figure 13.
Bus Acquisition
In burst mode, the deassertion of REQ depends on the
setting of EXTREQ (BCR18, bit 8). If EXTREQ is
cleared to 0, REQ is deasserted at the same time as
FRAME is asserted. (The Am79C978A controller never
performs more than one burst transaction within a sin-
gle bus mastership period.) If EXTREQ is set to 1, the
Am79C978A controller does not deassert REQ until it
starts the last data phase of the transaction.
Once asserted, REQ remains active until GNT has be-
come active and independent of subsequent setting of
STOP (CSR0, bit 2) or SPND (CSR5, bit 0). The asser-
tion of H_RESET or S_RESET, however, will cause
REQ to go inactive immediately.
Bus Master DMA Transfers
There are four primary types of DMA transfers. The
Am79C978A controller uses non-burst as well as burst
cycles for read and write access to the main memory.
Basic Non-Burst Read Transfer
By default, the Am79C978A controller uses non-
burst cycles in all bus master read operations. All
controller non-burst read accesses are of the PCI
command type Memory Read (type 6). Note that
during a non-burst read operation, all byte lanes will
always be active. The Am79C978A controller will
internally discard unneeded bytes.
The Am79C978A controller typically performs more
than one non-burst read transaction within a single bus
mastership period. FRAME is dropped between con-
secutive non-burst read cycles. REQ stays asserted
until FRAME is asserted for the last transaction. The
Table 8.
Master Commands
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Not used
0011
I/O Write
Not used
0100
Reserved
0101
Reserved
0110
Memory Read
Read of the initialization
block and descriptor
rings
Read of the transmit
buffer in non-burst mode
0111
Memory Write
Write to the descriptor
rings and to the receive
buffer
1000
Reserved
1001
Reserved
1010
Configuration Read
Not used
1011
Configuration Write
Not used
1100
Memory Read
Multiple
Read of the transmit
buffer in burst mode
1101
Dual Address Cycle Not used
1110
Memory Read Line
Read of the transmit
buffer in burst mode
1111
Memory Write
Invalidate
Not used
FRAME
CLK
AD
IRDY
C/BE
REQ
GNT
1
2345
CMD
ADDR
22399A-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com