Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 89Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 90Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 91Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 92Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 93Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 94Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 95Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 96Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 256 page
background image
Am79C978A
93
Figure 50.
NAND Tree Waveform
Reset
There are four different types of RESET operations that
may be perfor med on the Am79C978A device,
H_RESET, S_RESET, STOP, and POR. The following is
a description of each type of RESET operation.
H_RESET
Hardware Reset (H_RESET) is an Am79C978A reset
operation that has been created by the proper assertion
of the RST pin of the Am79C978A device while the PG
pin is HIGH. When the minimum pulse width timing as
specified in the RST pin description has been satisfied,
an internal reset operation will be performed.
H_RESET will program most of the CSR and BCR reg-
isters to their default value. Note that there are several
CSR and BCR registers that are undefined after
H_RESET. See the sections on the individual registers
for details.
H_RESET will clear most of the registers in the
PCI configuration space. H_RESET will cause the
microcode program to jump to its reset state. Fol-
lowing the end of the H_RESET operation, the
controller will attempt to read the EEPROM device
through the EEPROM interface.
H_RESET will clear DWIO (BCR18, bit 7) and the control-
ler will be in 16-bit I/O mode after the reset operation. A
DWord write operation to the RDP (I/O offset 10h) must
be performed to set the device into 32-bit I/O mode.
S_RESET
Software Reset (S_RESET) is an Am79C978A reset op-
eration that has been created by a read access to the
Reset register, which is located at offset 14h in Word I/O
mode or offset 18h in DWord I/O mode from the
Am79C978A I/O or memory mapped I/O base address.
S_RESET will reset all of or some portions of CSR0, 3,
4, 15, 80, 100, and 124 to default values. For the identity
of individual CSRs and bit locations that are affected by
S_RESET, see the individual CSR register descriptions.
S_RESET will not affect any PCI configuration space lo-
cation. S_RESET will not affect any of the BCR register
values. S_RESET will cause the microcode program to
jump to its reset state. Following the end of the
S_RESET operation, the controller will not attempt to
read the EEPROM device. After S_RESET, the host
must perform a full re-initialization of the controller be-
fore starting network activity. S_RESET will cause REQ
to deassert immediately. STOP (CSR0, bit 2) or SPND
(CSR5, bit 0) can be used to terminate any pending bus
mastership request in an orderly sequence.
S_RESET terminates all network activity abruptly. The
host can use the suspend mode (SPND, CSR5, bit 0) to
terminate all network activity in an orderly sequence be-
fore issuing an S_RESET.
RST
CLK
GNT
REQ
AD[31:0]
C/BE[3:0]
IDSEL
FRAME
IRDY
TRDY
DEVSEL
STOP
PERR
SERR
PAR
INTA
FFFFFFFF
31
0000FFFF
F
7
...
...
...
22399A-53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com