Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 70Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 71Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 72Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 73Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 74Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 75Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 76Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 256 page
background image
74
Am79C978A
DETAILED FUNCTIONS
1 Mbps HomePNA PHY
The integrated HomePNA transceiver is a physical
layer device supporting the HomePNA specification 1.1
for home phone line networking. It provides all of the
PHY layer functions required to support 1 Mbps data
transfer speeds over common residential phone wiring.
All data bits are encoded into the relative time position
of a pulse with respect to the previous one, the wave-
form on the wire consists of a 7.5 MHz carrier sinusoid
enclosed within an exponential (bell shaped) enve-
lope. The waveform is produced by generating four
7.5 MHz square wave cycles and passing them
through a bandpass filter.
The HomePNA PHY frame consists of a HomePNA
header that replaces the normal Ethernet 64-bit pream-
ble and delimiter and is prepended to a standard Ether-
net packet starting with the source address and ending
with the CRC.
Only the PHY layer and its parameters are modified
from that of the standard Ethernet implementation. The
HomePNA PHY layer is designed to operate with a
standard Ethernet MAC layer controller implementing
all the CSMA/CD protocol features.
The frame begins with a characteristic SYNC interval
that delineates the beginning of a HomePNA frame fol-
lowed by an Access ID (AID) which encodes 8 bits of
Access ID and 4 bits of control word. The Access ID is
used to detect collisions and is dynamically assigned,
while the control word carries speed and power infor-
mation.
The AID is followed by a silence interval, then 32 bits of
data reserved for PHY layer communication. These
bits are accessible via HPR20 and HPR21 and are for
future use.
The data encoding consists of two symbol types: an
AID symbol and a data symbol. The AID symbol is al-
ways transmitted at the same speed and encodes two
bits that determine the pulse position (one of four) rel-
ative to the previous pulse. The access symbol interval
is fixed.
The data symbol interval is variable. The arriving bit
stream is blocked into from 3 to 6 bit blocks according
to a proprietary (RLL25™) algorithm. The bits in each
block are then used to encode a data symbol. Each
symbol consists of a Data Inter Symbol Blanking Inter-
val (DISBI) and then a pulse at one of 25 possible po-
sitions. The bits in the data block determine the pulse
position. Immediately after the pulse a new symbol in-
terval begins. During the DISBI the receiver ignores all
incoming pulses to allow network reflections to die out.
Any station may be programmed to assume the role of
a PHY master and remotely command, via the control
word, the rest of the units on the network to change
their transmit speed or power level.
Many of the framing parameters are programmable in
the HomePNA PHY and will allow future modifications to
both transmission speed as well as noise and reflection
rejection algorithms.
Two default speeds are provided, low at 0.7 Mbps and
high at 1 Mbps. The center frequency is also program-
mable for future use.
HomePNA PHY Medium Interface
Framing
The HomePNA frame on the phone wire network con-
sists of a header generated in the PHY prepended to
an IEEE 802.3 Ethernet data packet received from the
MAC layer. See Figure 38.
When transmitting on the phone wire pair, the
HomePNA PHY first receives an Ethernet MAC frame
from the MAC. The 8 octets of preamble and delimiter
are stripped off and replaced with the HomePNA PHY
header described below, then transmitted on the phone
wire network.
During a receive operation, the reverse process is exe-
cuted. When a HomePNA frame is received by the
PHY, the header is stripped off and replaced with the
four octets of preamble and delimiter of the IEEE 802.3
Ethernet MAC frame specification and then passed on
to the MAC layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com