Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 78Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 79Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 80Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 81Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 82Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 83Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 84Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 256 page
background image
Am79C978A
81
Table 18.
MII Control Frame Format
The start field (ST) is followed by the operation field (OP).
The operation field (OP) indicates whether the operation
is a read or a write operation. This is followed by the PHY
address (PHYAD) and the register address (REGAD) that
was programed into BCR33 of the Fast Ethernet control-
ler. This field is followed by a bus turnaround field (TA).
During the read operation, the bus turnaround field is
used to determine if the PHY is responding properly to the
read request. The data field to/from the MAC controller is
then written to or read from BCR34. The final field is the
idle field, and it is required to allow the drivers to turn off.
The PHYADD field, which is five bits wide, allows 32
unique PHY addresses. The managed PHY layer device
that is connected to a station management entity via the
MII interface has to respond to transactions addressed to
the PHY’s address. A station management entity at-
tached to multiple PHYs is required to have prior knowl-
edge of the appropriate PHY address.
No SRAM Configuration
If the SRAM_SIZE (BCR25, bits 7-0) value is 0 in the
SRAM size register, the controller will assume that there
is no SRAM present and will reconfigure the four internal
FIFOs into two FIFOs, one for transmit and one for re-
ceive. The FIFOs will operate the same as in the PCnet-
PCI II controller. When the SRAM_SIZE (BCR25, bits 7-
0) value is 0, the SRAM_BND (BCR26, bits 7-0) are ig-
nored by the controller. See Figure 44.
Low Latency Receive Configuration
If the LOLATRX (BCR27, bit 4) bit is set to 1, then the con-
troller will configure itself for a low latency receive config-
uration. In this mode, SRAM is required at all times. If the
SRAM_SIZE (BCR25, bits 7-0) value is 0, the controller
will not configure for low latency receive mode. The con-
troller will provide a fast path on the receive side bypass-
ing the SRAM. All transmit traffic will go to the SRAM, so
SRAM_BND (BCR26, bits 7-0) has no meaning in low la-
tency receive mode. When the controller has received 16
bytes from the network, it will start a DMA request to the
PCI Bus Interface Unit. The controller will not wait for the
first 64 bytes to pass to check for collisions in Low Latency
Receive mode. The controller must be in STOP before
switching to this mode. See Figure 45.
CAUTION: To provide data integrity when switching into
and out of the low latency mode, DO NOT SET the
FASTSPNDE bit when setting the SPND bit. Receive
frames WILL be overwritten and the controller may give
erratic behavior when it is enabled again.
Direct SRAM Access
The SRAM can be accessed through the Expansion Bus
Data port (BCR30). To access this data port, the user
must load the upper address EPADDRU (BCR29, bits 3-
0) and set FLASH (BCR29, bit 15) to 0. Then the user will
load the lower 16 bits of address EPADDRL (BCR28, bits
15-0). To initiate a read, the user reads the Expansion Bus
Data Port (BCR30). This slave access from the PCI will
result in a retry for the very first access. Subsequent ac-
cesses may give a retry or not, depending on whether or
not the data is present and valid. The direct SRAM access
uses the same FLASH/EPROM access except for ac-
cessing the SRAM in word format instead of byte format.
This access is meant to be a diagnostic access only. The
SRAM can only be accessed while the controller is in
STOP or SPND (FASTSPNDE is set to 0) mode.
PRE
ST
OP
PHYAD
REGAD
TA
DATA
IDLE
READ
1.1
01
10
AAAAA
RRRRR
Z0
D31………D0
Z
WRITE
1.1
01
01
AAAAA
RRRRR
10
D31………D0
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com