Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 45Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 46Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 47Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 48Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 49Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 50Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 51Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 52Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 256 page
background image
Am79C978A
49
Whenever the Am79C978A controller is the current bus
master and a data parity error occurs, SINT (CSR5, bit
11) will be set to 1. When SINT is set, INTA is asserted
if the enable bit SINTE (CSR5, bit 10) is set to 1. This
mechanism can be used to inform the driver of the sys-
tem error. The host can read the PCI Status register to
determine the exact cause of the interrupt. The setting
of SINT due to a data parity error is not dependent on
the setting of PERREN (PCI Command register, bit 6).
By default, a data parity error does not affect the
state of the MAC engine. TheAm79C978A control-
ler treats the data in all bus master transfers that
have a parity error as if nothing has happened. All
network activity continues.
Advanced Parity Error Handling
For all DMA cycles, the Am79C978A controller provides
a second, more advanced level of parity error handling.
This mode is enabled by setting APERREN (BCR20, bit
10) to 1. When APERREN is set to 1, the BPE bits (RMD1
and TMD1, bit 23) are used to indicate parity error in data
transfers to the receive and transmit buffers. Note that
since the advanced parity error handling uses an addi-
tional bit in the descriptor, SWSTYLE (BCR20, bits 7-0)
must be set to 2 or 3 to program the Am79C978A con-
troller to use 32-bit software structures. TheAm79C978A
controller will react in the following way when a data parity
error occurs:
n Initialization block read: STOP (CSR0, bit 2) is set
to 1 and causes a STOP_RESET of the device.
n Descriptor ring read: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
n Descriptor ring write: Any on-going network activity
is terminated in an orderly sequence and then STOP
(CSR0, bit 2) is set to 1 to cause a STOP_RESET
of the device.
n Transmit buffer read: BPE (TMD1, bit 23) is set in
the current transmit descriptor. Any on-going net-
work transmission is terminated in an orderly se-
quence.
n Receive buffer write: BPE (RMD1, bit 23) is set in
the last receive descriptor associated with the frame.
Terminating on-going network transmission in an
order ly sequence means that if less than 512
bits have been transmitted onto the network, the
trans mi ss i on wi ll be ter m i nate d i mme dia t ely,
generating a runt packet.
If 512 bits or more have been transmitted, the mes-
sage will have the current FCS inverted and ap-
pended at the next byte boundary to guarantee an
FCS error is detected at the receiving station.
APERREN does not affect the reporting of address
parity errors or data parity errors that occur when the
Am79C978A controller is the target of the transfer.
Initialization Block DMA Transfers
During execution of the Am79C978A controller bus
master initialization procedure, the microcode will re-
peatedly request DMA transfers from the BIU. During
each of these initialization block DMA transfers, the
BIU will perform two data transfer cycles reading one
DWord per transfer and then it will relinquish the bus.
When SSIZE32 (BCR20, bit 8) is set to 1 (i.e., the ini-
tialization block is organized as 32-bit software struc-
tures), there are seven DWords to transfer during the
bus master initialization procedure, so four bus mas-
tership periods are needed in order to complete the
initialization sequence. Note that the last DWord
transfer of the last bus mastership period of the initial-
ization sequence accesses an unneeded location.
Data from this transfer is discarded internally. When
SSIZE32 is cleared to 0 (i.e., the initialization block is
organized as 16-bit software structures), then three
bus mastership periods are needed to complete the
initialization sequence.
The Am79C978A device supports two transfer modes
for reading the initialization block: non-burst and burst
mode, with burst mode being the preferred mode
when the Am79C978A controller is used in a PCI bus
application. See Figure 25 and Figure 26.
When BREADE is cleared to 0 (BCR18, bit 6), all
initialization block read transfers will be executed in
non-burst mode. There is a new address phase for
every data phase. FRAME will be dropped between
the two transfers. The two phases within a bus mas-
tership period will have addresses of ascending
contiguous order.
When BREADE is set to 1 (BCR18, bit 6), all initializa-
tion block read transfers will be executed in burst
mode. AD[1:0] will be 0 during the address phase indi-
cating a linear burst order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com