Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 5Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 6Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 7Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 8Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 9Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 10Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 11Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 12Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 256 page
background image
Am79C978A
9
Table 39. EEDET Setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .159
Table 40. Interface Pin Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .159
Table 41. Software Styles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .161
Table 42. SRAM_BND Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .163
Table 43. EBCS Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .164
Table 44. CLK_FAC Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .165
Table 45. FMDC Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .168
Table 46. APDW Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .168
Table 47. Am79C978A 10BASE-T PHY Management Register Set . . . . . . . . . . . . . . . . . . . . . .177
Table 48. TBR0: 10BASE-T PHY Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . .178
Table 49. TBR1: 10BASE-T PHY Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . .179
Table 50. TBR2: 10BASE-T PHY Identifier (Register 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .180
Table 51. TBRM0BASE-T PHY Identifier (Register 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .180
Table 52. TBR4: 10BASE-T Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . .181
Table 53. TBR5: 10BASE-T Auto-Negotiation Link
Partner Ability Register (Register 5) - Base Page Format . . . . . . . . . . . . . . . . . . . . . . . . . . .182
Table 54. TBR5: 10BASE-T Auto-Negotiation Link
Partner Ability Register (Register 5) - Next Page Format . . . . . . . . . . . . . . . . . . . . . . . . . . .182
Table 55. TBR6: 10BASE-T Auto-Negotiation Expansion Register (Register 6) . . . . . . . . . . . . .183
Table 56. TBR7: 10BASE-T Auto-Negotiation Next Page Register (Register 7) . . . . . . . . . . . . .183
Table 57. TBR16: 10BASE-T INTERRUPT Status and Enable Register (Register 16) . . . . . . .184
Table 58. TBR17: 10BASE-T PHY Control/Status Register (Register 17) . . . . . . . . . . . . . . . . .185
Table 59. TBR19: 10BASE-T PHY Management Extension Register (Register 19) . . . . . . . . . .186
Table 60. TBR24: 10BASE-T Summary Status Register (Register 24) . . . . . . . . . . . . . . . . . . .186
Table 61. HPR0: HomePNA PHY MII Control (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .187
Table 62. HPR1: HomePNA PHY MII Status (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .188
Table 63. HPR2 and HPR3: HomePNA PHY MII ID (Registers 2 and 3) . . . . . . . . . . . . . . . . . .189
Table 64. HPR4-HPR7: HomePNA PHY Auto-Negotiation (Registers 4 - 7) . . . . . . . . . . . . . . .189
Table 65. HPR16: HomePNA PHY Control (Register 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .190
Table 66. HPR18 and HPR19: HomePNA PHY TxCOMM (Registers 18 and 19) . . . . . . . . . . .191
Table 67. HPR20 and HPR21: HomePNA PHY RxCOMM (Registers 20 and 21) . . . . . . . . . . .191
Table 68. HPR22: HomePNA PHY AID (Register 22) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .192
Table 69. HPR23: HomePNA PHY Noise Control (Register 23) . . . . . . . . . . . . . . . . . . . . . . . . .192
Table 70. HPR24: HomePNA PHY Noise Control 2 (Register 24) . . . . . . . . . . . . . . . . . . . . . . .192
Table 71. HPR25: HomePNA PHY Noise Statistics (Register 25) . . . . . . . . . . . . . . . . . . . . . . .193
Table 72. HPR26: HomePNA PHY Event Status (Register 26) . . . . . . . . . . . . . . . . . . . . . . . . .193
Table 73. HPR27: HomePNA PHY Event Status (Register 27) . . . . . . . . . . . . . . . . . . . . . . . . .194
Table 74. HPR8: HomePNA PHY ISBI Control (Register 28) . . . . . . . . . . . . . . . . . . . . . . . . . . .194
Table 75. HPR29: HomePNA PHY TX Control (Register 29) . . . . . . . . . . . . . . . . . . . . . . . . . . .194
Table 76. Initialization Block (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .195
Table 77. Initialization Block (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .195
Table 78. R/TLEN Decoding (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .196
Table 79. R/TLEN Decoding (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .196
Table 80. Receive Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .197
Table 81. Receive Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .197
Table 82. Receive Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .197
Table 83. Transmit Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200
Table 84. Transmit Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200
Table 85. Transmit Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200
Table 86. PCI Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .204
Table 87. 10BASE-T PHY Management Registers (TBRs) . . . . . . . . . . . . . . . . . . . . . . . . . . . .210
Table 88. 1 Mbps HomePNA PHY Management Registers (HPRs) . . . . . . . . . . . . . . . . . . . . . .211
Table 89. Control and Status Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .212
Table 90. Bus Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .214
Table A-1. Registers for Alternative Initialization Method (Note 1) . . . . . . . . . . . . . . . . . . . . . . . A-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com