Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 86Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 87Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 88Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 89Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 90Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 91Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 92Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 93Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 256 page
background image
90
Am79C978A
The PCI bus interface clock (CLK) is not required to be
running while the device is operating in Magic Packet
mode. Either of the INTA, the LED pins, or the PME sig-
nal may be used to indicate the receipt of a Magic
Packet frame when the CLK is stopped. If the system
wishes to stop the CLK, it will do so after enabling the
Magic Packet mode.
CAUTION: To prevent unwanted interrupts from other
active parts of the controller, care must be taken to
mask all likely interruptible events during Magic Packet
mode. An example would be the interrupts from the
Media Independent Interface, which could occur while
the device is in Magic Packet mode.
IEEE 1149.1 (1990) Test Access Port
Interface
An IEEE 1149.1-compatible boundary scan Test Ac-
cess Port is provided for board-level continuity test
and diagnostics. All digital input, output, and input/
output pins are tested. The following paragraphs
summarize the IEEE 1149.1-compatible test func-
tions implemented in the controller.
Boundary Scan Circuit
The boundary scan test circuit requires four pins (TCK,
TMS, TDI, and TDO), defined as the Test Access Port
(TAP). It includes a finite state machine (FSM), an instruc-
tion register, a data register array, and a power-on reset
circuit. Internal pull-up resistors are provided for the TDI,
TCK, and TMS pins.
TAP Finite State Machine
The TAP engine is a 16-state finite state machine
(FSM), driven by the Test Clock (TCK), and the Test
Mode Select (TMS) pins. An independent power-on
reset circuit is provided to ensure that the FSM is in the
TEST_LOGIC_RESET state at power-up. Therefore,
the TRST is not provided. The FSM is also reset when
TMS and TDI are high for five TCK periods.
Supported Instructions
In addition to the minimum IEEE 1149.1 requirements
(BYPASS, EXTEST, and SAMPLE instructions), three ad-
ditional instructions (IDCODE, TRIBYP, and SETBYP)
are provided to further ease board-level testing. All un-
used instruction codes are reserved. See Table 21 for a
summary of supported instructions.
Table 21.
IEEE 1149.1 Supported Instruction
Summary
Instruction Register and Decoding Logic
After the TAP FSM is reset, the IDCODE instruction is
always invoked. The decoding logic gives signals to con-
trol the data flow in the data registers according to the
current instruction.
Boundary Scan Register
Each Boundary Scan Register (BSR) cell has two stages.
A flip-flop and a latch are used for the Serial Shift Stage
and the Parallel Output Stage, respectively. There are four
possible operation modes in the BSR cell shown in
Table 22.
Other Data Registers
Other data registers are the following:
1. Bypass register (1 bit)
2. Device ID register (32 bits) (See Table 23.).
CAUTION: The content of the Device ID register is the
same as the content of CSR88.
Instruction
Name
Instruction
Code
Description
Mode
Selected
Data
Register
EXTEST
0000
External
Test
Test
BSR
IDCODE
0001
ID Code
Inspection
Normal
ID REG
SAMPLE
0010
Sample
Boundary
Normal
BSR
TRIBYP
0011
Force Float
Normal
Bypass
SETBYP
0100
Control
Boundary to
I/0
Test
Bypass
BYPASS
1111
Bypass
Scan
Normal
Bypass
Table 22.
BSR Mode Of Operation
1
Capture
2
Shift
3
Update
4
System Function
Table 23.
Device ID Register
Bits 31-28
Version
Bits 27-12
Part Number (0010 0110 0010 0110)
Bits 11-1
Manufacturer ID. The 11 bit manufacturer ID
cod for AMD is 00000000001 in accordance
with JEDEC publication 106-A.
Bit 0
Always a logic 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com