Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978AVCW Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 69Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 70Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 71Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 72Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 73Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 74Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 75Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 76Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 256 page
background image
Am79C978A
73
exchange allows both devices at either end of the link
to take maximum advantage of their respective
shared abilities.
The Am79C978A device implements the transmit and
receive Auto-Negotiation algorithm as defined in IEEE
802.3u, Section 28. The Auto-Negotiation algorithm
uses a burst of link pulses called Fast Link Pulses
(FLPs). The burst of link pulses are spaced between
55 and 140 µs so as to be ignored by the standard
10BASE-T algorithm. The FLP burst conveys informa-
tion about the abilities of the sending device. The re-
ceiver can accept and decode an FLP burst to learn
the abilities of the sending device. The link pulses
transmitted conform to the standard 10BASE-T tem-
plate. The device can perform auto-negotiation with
reverse polarity link pulses.
The Am79C978A device uses the Auto-Negotiation
algorithm to select the type connection to be estab-
lished according to the following priority: 10BASE-T
full duplex, then 10BASE-T half-duplex. See Table 12.
The Auto-Negotiation algorithm is initiated by the fol-
lowing events: Auto-Negotiation enable bit is set, hard-
ware reset, soft reset, transition to link fail state (when
Auto-Negotiation enable bit is set), or Auto-Negotiation
restart bit is set. The result of the Auto-Negotiation pro-
cess can be read from the status register (Summary
Status Register, TBR24).
By defa u lt , t h e lin k pa r t ne r m u st be at lea s t
10BASE-T half-duplex capable. The Am79C978A
controller can automatically negotiate with the net-
work and yield the highest performance possible
without software suppor t. See the Network Por t
Manager section for more details.
Auto-Negotiation goes further by providing a message-
based communication scheme called Next Pages be-
fore connecting to the Link Partner. This feature is not
suppor ted in the Am79C978A device unless the
DANAS (BCR32, bit 10) is selected.
Soft Reset Function
The PHY Control Register (TBR0) incorporates the soft
reset function (bit 15). It is a read/write register and is
self-clearing. Writing a 1 to this bit causes a soft reset.
When read, the register returns a 1 if the soft reset is
still being performed; otherwise, it is cleared to 0. Note
that the register can be polled to verify that the soft
reset has terminated. Under normal operating condi-
tions, soft reset will be finished in 150 clock cycles.
Soft reset only resets the 10BASE-T PHY unit regis-
ters to default values (some register bits retain their
previous values). Refer to the individual registers for
values after a soft reset. Soft reset does not reset the
management interface.
Table 12.
Auto-Negotiation Capabilities
Network Speed
Physical Network Type
20 Mbps
10BASE-T, Full Duplex
10 Mbps
10BASE-T, Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com