Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 12Page - NXP Semiconductors ASL5015FHN Datasheet HTML 13Page - NXP Semiconductors ASL5015FHN Datasheet HTML 14Page - NXP Semiconductors ASL5015FHN Datasheet HTML 15Page - NXP Semiconductors ASL5015FHN Datasheet HTML 16Page - NXP Semiconductors ASL5015FHN Datasheet HTML 17Page - NXP Semiconductors ASL5015FHN Datasheet HTML 18Page - NXP Semiconductors ASL5015FHN Datasheet HTML 19Page - NXP Semiconductors ASL5015FHN Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
16 / 69
(1) Curve_1_Fade_in/out
(5) Curve_5_Fade_in/out
(2) Curve_2_Fade_in/out
(6) Curve_6_Fade_in/out
(3) Curve_3_Fade_in/out
(7) Curve_7_Fade_in/out
(4) Curve_4_Fade_in/out
(8) Curve_8_Fade_in/out
Figure 9. Example PWM Polynomial curves (Default curves in MTP)
The equation to determine the curve is up to a third-grade polynomial:
Ax3 + Bx2 + Cx + D
The system makes an absolute calculation with the first x (step) value and then uses an
incremental calculation to ensure no glitch between consecutive PWM Duty Cycle values,
even when the shift value is changed to modify the curve speed. Absolute calculation
is applied only when START command is used, for NOW or AUTO bits, the incremental
calculation is used.
Note: A system emulation tool is available and can reproduce any possible scenario.
The implementation of a differential calculation ensures a glitch-free system. This method
allows a very smooth LED dimming without any undesirable light glitch.
The information to be stored in the MTP are only the polynomial coefficient values A, B,
C and D. Then, the system calculates the resulting PWM duty cycle on the fly with an
internal PWM generator (in the Smart version, ASL50xxyHz).
Several curves can be sequenced in case of long fade-in or fade-out scenarios. This
feature is only available in the Smart versions, ASL50xxyHz.
The ASL5015yHz and ASL5008yHz allow the storage of eight-polynomial curves. The
curves can be followed in both directions, depending on whether the stop position is
greater or lower than the start position; and the number of fade-in scenarios do not have
to be the same as the fade-out ones.
It may be necessary to speed up or slow down a curve or interrupt a fade-in curve to set
the PWM duty cycle to 100 % immediately, such as in the case of high-beam flashing.
This adjustment is possible by changing the shift value.
The programmed coefficients in the internal MTP can also be negative, for that reason
there are 13 bits reserved per coefficient. That gives the possibility to make smoother
curves and shapes that are not possible with just positive coefficients. The available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com