Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 46 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 42Page - NXP Semiconductors ASL5015FHN Datasheet HTML 43Page - NXP Semiconductors ASL5015FHN Datasheet HTML 44Page - NXP Semiconductors ASL5015FHN Datasheet HTML 45Page - NXP Semiconductors ASL5015FHN Datasheet HTML 46Page - NXP Semiconductors ASL5015FHN Datasheet HTML 47Page - NXP Semiconductors ASL5015FHN Datasheet HTML 48Page - NXP Semiconductors ASL5015FHN Datasheet HTML 49Page - NXP Semiconductors ASL5015FHN Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
46 / 69
MTP Registers (16 bits registers)[1][2]
No.
Bits Block
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Add
ress
1568
98
62h
1584
99
63h
1600
100
64h
1616
101
65h
1632
102
66h
~
~
2016
126
7Eh
2032
127
Free space (480-bits). User definable. User can write any information in this space.
7Fh
[1]
All cells are read/write unless specified otherwise
[2]
All the values stored in the MTP start from the Most Significant bit (MSb) to the Less Significant Bit (LSb).
[3]
These cells are used for internal MLC configuration. If the microcontroller tries to read or write in these cells, an error flag is raised (bits 2 and 3 of register
34h).
[4]
Read only. If the microcontroller writes a value in this cell, the system does not raise an error flag, but also does not write any value in the cell.
[5]
Any value has no impact in the MLC configuration. Write a 0 when a write message is sent.
The internal curves' coefficients have 13 bits each, because they are signed coefficients.
If the user wants to program a negative coefficient, the first bit must be a logical 1.
Negative coefficients are fully allowed and help to have all possible curves' shapes with a
3rd grade polynomial equation.
Note: Registers from 0x38h to 0x57h (curves coefficients) will not have any effect in the
Direct PWM
14.1.1 Registers value selection criteria
Table 36. PWM frequency selection
Register
Bit D0
Frequency
0
244 Hz (default)
60h
1
488 Hz
Table 37. Slew rate selection
Register
Bit D3
Bit D2
Bit D1
Bit D0
[V/µs]
0
0
0
0
0,2
0
0
0
1
0,4
0
0
1
0
0,6
0
0
1
1
0,9
0
1
0
0
1,1
0
1
0
1
1,3
0
1
1
0
1,5
0
1
1
1
1,7 (default)
1
0
0
0
1,9
1
0
0
1
2,3
58h (SR1)
59h (SR2)
5Ah (SR3)
5Bh (SR4)
1
0
1
0
2,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com