Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 31 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 27Page - NXP Semiconductors ASL5015FHN Datasheet HTML 28Page - NXP Semiconductors ASL5015FHN Datasheet HTML 29Page - NXP Semiconductors ASL5015FHN Datasheet HTML 30Page - NXP Semiconductors ASL5015FHN Datasheet HTML 31Page - NXP Semiconductors ASL5015FHN Datasheet HTML 32Page - NXP Semiconductors ASL5015FHN Datasheet HTML 33Page - NXP Semiconductors ASL5015FHN Datasheet HTML 34Page - NXP Semiconductors ASL5015FHN Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
31 / 69
Bit
Symbol
Description
0
MTP_CFG
MTP configuration.
0 — MLC normal operation
1 — MLC in MTP configuration mode
Note: To read or write the MTP, the microcontroller must enter MTP configuration mode.
[1]
When refreshing the timeout timer with 111 in bits [6:4], the Limp Home mode timeout setting is written as well in bits [3:1]
[2]
When changing the Limp Home mode timeout setting, the LHM_EXIT bits should be set to “111” to refresh the timeout timer
After MTP configuration, the limp home settings are permanently stored. Once the MLC
detects a communication failure event (Limp Home mode watch dog timer runs out), the
device turns the switches ON or OFF, depending on the Limp Home mode configuration
stored in the MTP.
In case the system recovers from the error, Limp Home mode can be left via the exit
Limp Home mode sequence. With the completion of the exit sequence, the device
operates in normal conditions and the configuration registers are open for write access
again. The MLC keeps the LHM configuration in the output until the microcontroller starts
another sequence.
Limp Home and normal operation modes offer the same diagnosis behavior. This
behavior includes the undervoltage protection as well as the failure behavior (open and
short-circuit detection).
8.14.1 Limp Home mode activation
If no write to the Limp Home mode exit bits (register 3Ch, bits 6:4) with data 111 is
executed for the timeout time as defined in the Limp Home mode control register, a
Limp Home mode is automatically activated. During start-up, the MLC is preconfigured
to the maximum allowed watchdog timeout possible (576.7 ms). If this value wants to
be changed, the user must set a new watchdog timeout during the configuration of the
register. If the microcontroller does not send an LHM_Refresh command before 576.7 ms
after the startup, then the MLC automatically enters in Limp Home mode.
Before entering MTP configuration mode, refresh the watchdog timeout. During the MTP
configuration, the watchdog is stopped and the refreshing action is not necessary during
this time.
8.14.2 Limp Home mode operation
Once the system has entered Limp Home mode, the MLC switches to the configuration
as defined in the MTP memory. See Section 14 "Nonvolatile Multitime Programmable
Memory (MTP)" for more information about the Limp Home mode configuration.
During Limp Home mode, operation of the CAN interface remains functional, but only
the Limp Home mode control register can be written. The other registers offer only read
access.
8.14.3 Limp Home mode deactivation
To deactivate Limp Home mode, a dedicated Limp Home mode deactivation sequence is
written to the Limp Home mode control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com