Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 29 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 25Page - NXP Semiconductors ASL5015FHN Datasheet HTML 26Page - NXP Semiconductors ASL5015FHN Datasheet HTML 27Page - NXP Semiconductors ASL5015FHN Datasheet HTML 28Page - NXP Semiconductors ASL5015FHN Datasheet HTML 29Page - NXP Semiconductors ASL5015FHN Datasheet HTML 30Page - NXP Semiconductors ASL5015FHN Datasheet HTML 31Page - NXP Semiconductors ASL5015FHN Datasheet HTML 32Page - NXP Semiconductors ASL5015FHN Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
29 / 69
Synchronization between MLCs is therefore done through CAN communication. There is
no need for a separate sync signal, which can compromise EMI performance and board
layout.
The communications protocol is byte-oriented. Because up to 32 devices can be
connected together, five bits are sufficient to address the MLC device. Extended ID is
used for addressing the device and differentiate between oriented or broadcast message.
The Standard ID includes the preamble to synchronize all devices in the bus and ensure
a CAN clock accuracy of less than 0.25 %.
8.11 External IC addressing
To make logistics easier, the MLC can be addressed externally with specific hardware
configuration of pins from A0 to A4.
Five pins are available to address the MLC externally. Therefore, the system can connect
up to 32 MLCs. The same physical layer, in case of an off-board configuration, can
control all of these MLCs.
All these pins have an internal pull-up resistor of 60 kΩ. Thus, if a logic 1 is needed, the
pin should remain floating. If a logic 0 is needed, the pin should be connected to ground.
8.12 Protection against missing VCC
When VCC is missing, the MLC is off and all switches remain open. But when VCC is
present and the device is working properly, it sets a bit in the diagnostics register that the
microcontroller can read (POK). The microcontroller should only enable the LED driver
when it is able to read this bit.
8.13 LED brightness calibration factor
The LED brightness calibration factor can be programmed and read out from the MTP
of the MLC by the microcontroller. This capability allows the customer to correct for any
differences in the luminance of LEDs, as a result of LED production spread, automatically
inside the MLC.
The LED brightness calibration factor has a 5-bit resolution (from 0 to 31); and for that
reason, the brightness reduction can be from 0 % to 24.22 %1. With this factor, the
microcontroller does not need to adapt the PWM duty cycle for the brightness variation,
because it is calculated inside the MLC. Therefore, when the microcontroller associates
a prestored dimming curve that delivers 100 % duty cycle to a channel, and this channel
has a brightness reduction associated to it, then the LED brightness cannot be 100 %,
but reduced by the brightness calibration factor.
The brightness reduction factor is applicable to any PWM duty cycle value and is not a
fixed value but a percentage. Two examples are shown below:
LED brightness calibration factor for both examples = 20 (10100 in the MTP)
• Example 1
– The PWM duty cycle value in the curve is 100 %
– Output brightness = 1 * (1 – (20/128)) = 0.84 = 84 %
• Example 2
– The PWM duty cycle value in the curve is 50 %
1
The factor division inside of the MLC is by 128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com