Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 35Page - NXP Semiconductors ASL5015FHN Datasheet HTML 36Page - NXP Semiconductors ASL5015FHN Datasheet HTML 37Page - NXP Semiconductors ASL5015FHN Datasheet HTML 38Page - NXP Semiconductors ASL5015FHN Datasheet HTML 39Page - NXP Semiconductors ASL5015FHN Datasheet HTML 40Page - NXP Semiconductors ASL5015FHN Datasheet HTML 41Page - NXP Semiconductors ASL5015FHN Datasheet HTML 42Page - NXP Semiconductors ASL5015FHN Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
39 / 69
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
Reset
2B
DELAY11
DELAY11[7:0]
00000000
2C
CURVID12
SH12[7:5]
AUTO12
NOW12
CURVEID12[2:0]
00000000
2D
STARTPOS12
STARTPOS12[7:0]
00000000
2E
STOPPOS12
STOPPOS12[7:0]
11111111
2F
DELAY12
DELAY12[7:0]
00000000
30
IMMOFF 1
IMMOFF8
IMMOFF7
IMMOFF6
IMMOFF5
IMMOFF4
IMMOFF3
IMMOFF2
IMMOFF1
00000000
31
IMMOFF 2
unused
IMMOFF12 IMMOFF11 IMMOFF10
IMMOFF9
00000000
32
START 1
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
00000000
33
START 2
unused
CH12
CH11
CH10
CH9
00000000
34
CLEAR
POR
Illegal_
command
MTP_
Locked
REG_
ILLEGAL_
ACCESS
MTP_
ILLEGAL_
ACCESS
MTP_
ACCESS_
STATUS
CLR_OC
CLR_SC
00000000
35
READ_OC1
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
00000000
36
READ_OC2
unused
OC12
OC11
OC10
OC9
00000000
37
READ_SC1
SC8
SC7
SC6
SC5
SC4
SC3
SC2
SC1
00000000
38
READ_SC2
unused
SC12
SC11
SC10
SC9
00000000
39
NTC
CPFAIL
NTC[6:1]
NTCFAIL
00000000
3A
ID
OTW_1
OTW_2
POK
LHM_
STATUS
ID[3:1]
ID-FAIL
00000000
3B
Internal_Status
TXD_
Buffer_Full
unused
00000000
3C
LHM
Bypass_
binning
LHM_EXIT[6:4]
LHM_TIMEOUT[3:1]
MTP_CFG
00000000
3D
MTP Write Control1
unused
MTP Register Adress [6:0]
00000000
3E
MTP Write D1
MTP Write Data D1 [7:0]
00000000
3F
MTP Write D2
MTP Write Data D2 [7:0]
00000000
40
MTP Read D1
MTP Read Data D1 [7:0]
00000000
41
MTP Read D2
MTP Read Data D2 [7:0]
00000000
42
ReadCH1-LB
PWM[7:0]
00000000
43
ReadCH1-MB
unused
PWM[11:8]
00000000
44
ReadCH2-LB
PWM[7:0]
00000000
45
ReadCH2-MB
unused
PWM[11:8]
00000000
46
ReadCH3-LB
PWM[7:0]
00000000
47
ReadCH3-MB
unused
PWM[11:8]
00000000
48
ReadCH4-LB
PWM[7:0]
00000000
49
ReadCH4-MB
unused
PWM[11:8]
00000000
4A
ReadCH5-LB
PWM[7:0]
00000000
4B
ReadCH5-MB
unused
PWM[11:8]
00000000
4C
ReadCH6-LB
PWM[7:0]
00000000
4D
ReadCH6-MB
unused
PWM[11:8]
00000000
4E
ReadCH7-LB
PWM[7:0]
00000000
4F
ReadCH7-MB
unused
PWM[11:8]
00000000
50
ReadCH8-LB
PWM[7:0]
00000000
51
ReadCH8-MB
unused
PWM[11:8]
00000000
52
ReadCH9-LB
PWM[7:0]
00000000
53
ReadCH9-MB
unused
PWM[11:8]
00000000
54
ReadCH10-LB
PWM[7:0]
00000000
55
ReadCH10-MB
unused
PWM[11:8]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com