Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 53 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 49Page - NXP Semiconductors ASL5015FHN Datasheet HTML 50Page - NXP Semiconductors ASL5015FHN Datasheet HTML 51Page - NXP Semiconductors ASL5015FHN Datasheet HTML 52Page - NXP Semiconductors ASL5015FHN Datasheet HTML 53Page - NXP Semiconductors ASL5015FHN Datasheet HTML 54Page - NXP Semiconductors ASL5015FHN Datasheet HTML 55Page - NXP Semiconductors ASL5015FHN Datasheet HTML 56Page - NXP Semiconductors ASL5015FHN Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
53 / 69
Symbol
Parameter/Pin
Conditions
Min
Typ
Max
Unit
VVcc(start)
Vcc start up voltage (internal IPs
enable threshold)[3]
—
3.3
3.7
4.1
V
TJT(acc)
Junction temperature read accuracy
Measurement triggered by
CAN command 63. MLC
returns the internal diode
voltage drop. The junction
temperature must be
calculated with the formula.
See application notes.
-10
10
°C
TOTW(acc)
Over Temperature Warning (OTW)
accuracy
Flags in register 0x3Ah (bit
6 and 7)
-10
10
°C
[1]
Guaranteed by design
[2]
When the address pins (A0 to A4) are grounded to get the lowest MLC addresses, each pin current consumption must be added to the normal operation
and sleep mode current.
[3]
For detailed IC startup timing, check application notes "MLC Timing" section
18 Dynamic characteristics
Table 50. Dynamic characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134)
VCC = 4.5 V to 5.5 V; Tj = –40 °C to +175 °C; all voltages are defined with respect to ground; positive currents flow into the
IC.
Typical values are given at VCC = 5 V; Tj = 25 °C unless otherwise specified
Optional (must be used together with Static characteristics)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SR
Slew rate (programmable per block)
VCC = 5 V
0.2
—
6.8
V/µs
fPWM
Switch PWM frequency
MTP reg. 60h, bit 0 = 0
243.39
244
244.61
Hz
fPWM
Switch PWM frequency
MTP reg. 60h, bit 0 = 1
486.78
488
489.22
Hz
tstartup
Start-Up time
Cap. between CP and
VMAX = 22 nF
—
1.8
2
ms
Tphase
Phase shifting time
fPWM = 244 Hz
—
256
—
µs
tdet(fail)
fail detection time
SC and OC
—
100
400
ns
tprog(MTP)
MTP Erase-Program process
Per line
5
—
10
ms
tread(MTP)
MTP Read time
Per line
—
1
—
µs
dPWM
PWM Duty Cycle
With 12-bit resolution
0
—
100
%
tdet(NTC)
NTC detection time
—
90
100
110
µs
tdet(NTC)(o
c)
NTC open detection time
—
90
100
110
µs
Setting 1
4.05
4.5
4.95
ms
Setting 2
8.1
9
9.9
ms
Setting 3
16.2
18
19.8
ms
Setting 4
32.4
36
39.6
ms
Setting 5
64.9
72.1
79.3
ms
tto(wd)
LHM watchdog time-out time
Setting 6
129.8
144.2
158.6
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com