Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 38 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 34Page - NXP Semiconductors ASL5015FHN Datasheet HTML 35Page - NXP Semiconductors ASL5015FHN Datasheet HTML 36Page - NXP Semiconductors ASL5015FHN Datasheet HTML 37Page - NXP Semiconductors ASL5015FHN Datasheet HTML 38Page - NXP Semiconductors ASL5015FHN Datasheet HTML 39Page - NXP Semiconductors ASL5015FHN Datasheet HTML 40Page - NXP Semiconductors ASL5015FHN Datasheet HTML 41Page - NXP Semiconductors ASL5015FHN Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
38 / 69
10 ASL50xxyHz Register map
Table 31. ASL50xxyHz Register map
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
Reset
0
CURVID1
SH1[7:5]
AUTO1
NOW1
CURVEID1[2:0]
00000000
1
STARTPOS1
STARTPOS1[7:0]
00000000
2
STOPPOS1
STOPPOS1[7:0]
11111111
3
DELAY1
DELAY1[7:0]
00000000
4
CURVID2
SH2[7:5]
AUTO2
NOW2
CURVEID2[2:0]
00000000
5
STARTPOS2
STARTPOS2[7:0]
00000000
6
STOPPOS2
STOPPOS2[7:0]
11111111
7
DELAY2
DELAY2[7:0]
00000000
8
CURVID3
SH3[7:5]
AUTO3
NOW3
CURVEID3[2:0]
00000000
9
STARTPOS3
STARTPOS3[7:0]
00000000
A
STOPPOS3
STOPPOS3[7:0]
11111111
B
DELAY3
DELAY3[7:0]
00000000
C
CURVID4
SH4[7:5]
AUTO4
NOW4
CURVEID4[2:0]
00000000
D
STARTPOS4
STARTPOS4[7:0]
00000000
E
STOPPOS4
STOPPOS4[7:0]
11111111
F
DELAY4
DELAY4[7:0]
00000000
10
CURVID5
SH5[7:5]
AUTO5
NOW5
CURVEID5[2:0]
00000000
11
STARTPOS5
STARTPOS5[7:0]
00000000
12
STOPPOS5
STOPPOS5[7:0]
11111111
13
DELAY5
DELAY5[7:0]
00000000
14
CURVID6
SH6[7:5]
AUTO6
NOW6
CURVEID6[2:0]
00000000
15
STARTPOS6
STARTPOS6[7:0]
00000000
16
STOPPOS6
STOPPOS6[7:0]
11111111
17
DELAY6
DELAY6[7:0]
00000000
18
CURVID7
SH7[7:5]
AUTO7
NOW7
CURVEID7[2:0]
00000000
19
STARTPOS7
STARTPOS7[7:0]
00000000
1A
STOPPOS7
STOPPOS7[7:0]
11111111
1B
DELAY7
DELAY7[7:0]
00000000
1C
CURVID8
SH8[7:5]
AUTO8
NOW8
CURVEID8[2:0]
00000000
1D
STARTPOS
STARTPOS8[7:0]
00000000
1E
STOPPOS
STOPPOS8[7:0]
11111111
1F
DELAY8
DELAY8[7:0]
00000000
20
CURVID9
SH9[7:5]
AUTO9
NOW9
CURVEID9[2:0]
00000000
21
STARTPOS9
STARTPOS9[7:0]
00000000
22
STOPPOS9
STOPPOS9[7:0]
11111111
23
DELAY9
DELAY9[7:0]
00000000
24
CURVID10
SH10[7:5]
AUTO10
NOW10
CURVEID10[2:0]
00000000
25
STARTPOS10
STARTPOS10[7:0]
00000000
26
STOPPOS10
STOPPOS10[7:0]
11111111
27
DELAY10
DELAY10[7:0]
00000000
28
CURVID1
SH11[7:5]
AUTO11
NOW11
CURVEID11[2:0]
00000000
29
STARTPOS11
STARTPOS11[7:0]
00000000
2A
STOPPOS11
STOPPOS11[7:0]
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com