Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 14Page - NXP Semiconductors ASL5015FHN Datasheet HTML 15Page - NXP Semiconductors ASL5015FHN Datasheet HTML 16Page - NXP Semiconductors ASL5015FHN Datasheet HTML 17Page - NXP Semiconductors ASL5015FHN Datasheet HTML 18Page - NXP Semiconductors ASL5015FHN Datasheet HTML 19Page - NXP Semiconductors ASL5015FHN Datasheet HTML 20Page - NXP Semiconductors ASL5015FHN Datasheet HTML 21Page - NXP Semiconductors ASL5015FHN Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
18 / 69
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
Default
21h
STARTPOS9
STARTPOS9[7:0]
00000000
22h
STOPPOS9
STOPPOS9[7:0]
11111111
23h
DELAY9
DELAY9[7:0]
00000000
24h
CURVID10
SHIFT10[2:0]
AUTO10 NOW10
CURVEID10[2:0]
00000000
25h
STARTPOS10
STARTPOS10[7:0]
00000000
26h
STOPPOS10
STOPPOS10[7:0]
11111111
27h
DELAY10
DELAY10[7:0]
00000000
28h
CURVID11
SHIFT11[2:0]
AUTO11 NOW11
CURVEID11[2:0]
00000000
29h
STARTPOS11
STARTPOS11[7:0]
00000000
2Ah
STOPPOS11
STOPPOS11[7:0]
11111111
2Bh
DELAY11
DELAY11[7:0]
00000000
2Ch
CURVID12
SHIFT12[2:0]
AUTO12 NOW12
CURVEID12[2:0]
00000000
2Dh
STARTPOS12
STARTPOS12[7:0]
00000000
2Eh
STOPPOS12
STOPPOS12[7:0]
11111111
2Fh
DELAY12
DELAY12[7:0]
00000000
SHIFTx: These three bits determine the shift value used in the internal PWM generator.
The speed of the curve depends on the shift value. When the lowest shift value is
selected (2), the fastest curve is performed. Table 5 shows the different possible values.
Table 5. SHIFT values
SHIFT[2:0]
111
110
101
100
011
010
001
000
Value
2
4
8
16
32
64
128
256
AUTOx: Set this bit to 1 when the channel is already following another curve, so that this
new configuration can be followed at the end of the current sequence.
NOWx: To implement changes immediately, set this bit to 1. The system will implement
the new SHIFT, AUTO and CURVEID to the specific channel/switch immediately and
automatically proceed with the PWM calculation. If this bit is set to 0, then all the other
values (SHIFT, AUTO and CURVEID) are stored in the shadow register until the current
sequence is done and another trigger is set (START command or AUTO bit).
CURVEIDx: These three bits are used to identify the curve the channel follows during the
fade sequence. With three bits, eight curves can be selected.
STARTPOSx: In this register, the start position must be set. The value is referred to as a
step from 0 to 255 (8 bits resolution).
STOPPOSx: In this register, the stop position must be set. The value is referred to as a
step from 0 to 255 (8 bits resolution).
Note: Because any curve can be followed in both directions, a fade-in sequence
occurs when the start value is smaller than the stop value. As soon as the start value is
greater than the stop value, then the sequence is a fade-out one. When using negative
coefficients, the curve behavior could change depending on the coefficient values.
DELAYx: This 8-bit register is used to add a delay to the sequence start. Because it is an
8-bit register and this delay is related to steps, the delay value is from 0 to 255. The delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com