Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 34 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 30Page - NXP Semiconductors ASL5015FHN Datasheet HTML 31Page - NXP Semiconductors ASL5015FHN Datasheet HTML 32Page - NXP Semiconductors ASL5015FHN Datasheet HTML 33Page - NXP Semiconductors ASL5015FHN Datasheet HTML 34Page - NXP Semiconductors ASL5015FHN Datasheet HTML 35Page - NXP Semiconductors ASL5015FHN Datasheet HTML 36Page - NXP Semiconductors ASL5015FHN Datasheet HTML 37Page - NXP Semiconductors ASL5015FHN Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
34 / 69
9 CAN commands
Table 28. CAN and CAN-FD commands
Command
CMD[10:5]
Type
Description
PWM Mode
(Smart /
Direct)
CAN/CAN
-FD
CAN Valid
DLC
CAN-FD Valid
DLC
Other Invalid conditions
0
Selective Consecutive
register write
All
All
2 to 8
3 to 15
LHM Mode || Number of Reg. fitting
DLC(CAN-FD)* || No.of Registers = 0
1
Selective Selective
register write
All
All
2, 4, 6, 8
3, 5, 7, 9 to 15 LHM Mode || Number of Reg. fitting
DLC(CAN-FD)* || No.of Registers = 0
2
Invalid command
3
Selective LHM exit
All
All
3
3
NA
4
Selective MLC channel
start
All
All
2
2
LHM mode
5
Selective MLC channel
immediate
OFF
All
All
2
2
LHM mode
6
Selective LHM refresh
All
All
1
1
NA
7
Selective Dummy
trimming
All
All
0
0
NA
8
Selective Write direct
PWM CH
1,2,3,4
Direct
All
8
NA
LHM mode
9
Selective Write direct
PWM CH
5,6,7,8
Direct
All
8
NA
LHM mode
10
Selective Write direct
PWM CH
9,10,11,12
Direct
All
8
NA
LHM mode
11
Invalid command
12
Broadcast
- 2 MLCs
only
Write all PWM
registers
Direct
CAN-FD
NA
14
LHM mode
13
Selective Diagnosis
ADC trigger
All
All
0
0
NA
14
Selective MTP write
All
All
4
4
LHM mode || MTP_Locked || Invalid
Key || mtp_cfg = 0
15
Invalid command
16
Selective Consecutive
register read
All
CAN
1
NA
NA
17
Selective Selective
register read
All
CAN
1 to 8
NA
NA
18
Selective Diagnosis
read
All
All
0
0
NA
19
Selective Consecutive
register read
All
CAN-FD
NA
2
Number of Reg. fitting DLC(CAN-FD)*
|| No.of Registers = 0
20
Selective Selective
register read
All
CAN-FD
NA
2 to 15
Number of Reg. fitting DLC(CAN-FD)*
|| No.of Registers = 0
21
Selective Read smart
PWM
feedback
Smart
All
0
0
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com