Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 42 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 38Page - NXP Semiconductors ASL5015FHN Datasheet HTML 39Page - NXP Semiconductors ASL5015FHN Datasheet HTML 40Page - NXP Semiconductors ASL5015FHN Datasheet HTML 41Page - NXP Semiconductors ASL5015FHN Datasheet HTML 42Page - NXP Semiconductors ASL5015FHN Datasheet HTML 43Page - NXP Semiconductors ASL5015FHN Datasheet HTML 44Page - NXP Semiconductors ASL5015FHN Datasheet HTML 45Page - NXP Semiconductors ASL5015FHN Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
42 / 69
The microcontroller can put the entire Matrix LED Controller to sleep with a single
broadcast message:
• CAN message for Sleep mode (Broadcast): (Partial Networking must be deactivated)
• Command = 41
• DLC = 000 (no data in the CAN message)
This command is ignored only if the MLC is in Limp Home mode state.
All the MLCs go to sleep when they receive this broadcast message, but the CAN
controller continues watching the bus and in case any change occurs in the CAN bus, the
CAN controller wakes up the MLC immediately.
In Sleep mode, the MLC consumes less than 1.35 mA. In case the system has MLCs
in sleep and others in the same bus in wake (Partial Networking), refer to Section 13
"Partial networking for Sleep and Wake Up (message based)".
Send a message to refresh the Limp Home mode watchdog timer (register 3Ch) right
before sending the MLCs to sleep. Refreshing the timer this way avoids reaching the
timeout setting during the send-to-sleep process. During sleep mode, the watchdog
timer to enter in Limp Home mode in case of communication failure is stopped and
refresh action is not required during this mode. Any watchdog refresh action from the
microcontroller during Sleep mode wakes up the MLCs.
If the MLC wakes up due to a noise in the CAN bus, the MLC returns to sleep, in case it
does not receive any message in the period of the maximum value of the watchdog timer
(576.7 ms). In this case, the MLC does not enter the Limp Home mode state, but returns
to sleep mode. The MLC wakes up only if the microcontroller orders it to do so.
A synchronization action must be performed in the bus after waking them up. The
synchronization is done by sending three consecutive messages from the microcontroller
with no data on them (dummy-trimming message). The preamble of these messages
is used to trim the CAN clock and synchronize all the MLCs in the bus. A broadcast
trimming action is done to be sure that all the MLCs are synchronized and able to send
information to the microcontroller.
13 Partial networking for Sleep and Wake Up (message based)
In both messages, Sleep and Wake Up in partial networking, each bit of the bytes of the
data field of the CAN message is linked to an MLC. See Table 33. The partial networking
control messages, for Sleep or Wake Up, always has 4 bytes of data, the same 32 bits.
Due to the address pins (5, from A0 to A4) of the MLC, up to 32 MLCs in the same
CAN bus can connect. For that reason, the number of bits in the message fits with the
maximum number of MLCs that can be in the same Bus.
These two messages are always broadcast and the MLCs receive the messages whether
the MLCs are in normal operation or in sleep mode. These messages are ignored only if
the MLC is in Limp Home mode.
In both cases, the MLC reacts only to the bit that is linked with its address. For example,
the MLC with address 0 reacts to the first bit of the first byte of the message, or what is
the same, it reacts to the value of the MS bit of the first byte. See Table 33.
If the bit is 1, the MLC goes to sleep, in case the message is intended to send the MLC to
sleep, or wakes up the IC, in case the message is intended for this action.
Table 33 describes the distribution of the MLCs in the different bytes of the massages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com