Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 27 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 23Page - NXP Semiconductors ASL5015FHN Datasheet HTML 24Page - NXP Semiconductors ASL5015FHN Datasheet HTML 25Page - NXP Semiconductors ASL5015FHN Datasheet HTML 26Page - NXP Semiconductors ASL5015FHN Datasheet HTML 27Page - NXP Semiconductors ASL5015FHN Datasheet HTML 28Page - NXP Semiconductors ASL5015FHN Datasheet HTML 29Page - NXP Semiconductors ASL5015FHN Datasheet HTML 30Page - NXP Semiconductors ASL5015FHN Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
27 / 69
8.8 Charge Pump
The charge pump mechanism integrated in the ASL5xxxyHz family is able to detect
the maximum LED string voltage to have a voltage always at least 5 V higher than the
maximum detected LED string voltage. This action allows the internal charge pump
circuit to drive all the switches of the MLC without any problem and in a safe way. This
intelligent charge pump controls all the blocks, even when they are driving different LED
strings with different configurations. The charge pump only requires one external small
capacitor.
The multiplexer that is connected to the highest switches in every floating block is
responsible for detecting the maximum voltage of the LED string. With this mechanism,
the Matrix LED Controller (MLC), is able to detect the maximum voltage in the blocks
even when they are controlling different LED strings.
The charge pump mechanism needs an external capacitor. The external capacitor value
selections are described in Table 20.
Table 20. External charge pump capacitor selection
N° of switches in parallel
Minimum capacitor
Comments
4.7 nF / 16 V / X7R
No blocks in parallel
2
10 nF / 16 V / X7R
2 blocks in parallel
3
15 nF / 16 V / X7R
3 blocks in parallel
4
22 nF / 16 V / X7R
4 blocks in parallel
The selection criteria are based on the current and gate charge required to close the
switches safely. When blocks are parallel, more current is required to act in more
switches at the same time, for that reason the charge pump capacitor has a greater
value.
The maximum allowed capacitor value in the CP pin is 68 nF, because a higher value
can affect the IC startup time and may produce a CPFAIL status.
A 220 pF capacitor should be connected between the VMAX pin and ground (100 V
capacitor) to reduce the charge pump ripple and the electromagnetic emissions. The
capacitor con also be connected between VMAX pin and SW15 pin (16 V capacitor) See
Figure 6.
8.9 Charge pump fail-safe operation mode (CPFSO)
In case of failure in the internal charge pump circuit or external charge pump capacitor,
the Matrix LED Controller (MLC) enters in a fail-safe operation mode (CPFSO) to provide
the maximum operability as possible.
If the charge pump fails, the MLC is not able to drive the following:
• Top switch of the top block, in case of driving LED segment.
• First two switches of the top block, in case of driving single LED per switch.
The charge pump fail-safe operation mode starts when the MLC detects a problem in the
charge pump. Depending on the open circuit threshold programmed in the MTP, it opens
(high ohmic state) the first switch of the top block (OC = 1) or the first two switches of the
top block (OC = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com