Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 3 Page - NXP Semiconductors

  ASL5015FHN Datasheet HTML 1Page - NXP Semiconductors ASL5015FHN Datasheet HTML 2Page - NXP Semiconductors ASL5015FHN Datasheet HTML 3Page - NXP Semiconductors ASL5015FHN Datasheet HTML 4Page - NXP Semiconductors ASL5015FHN Datasheet HTML 5Page - NXP Semiconductors ASL5015FHN Datasheet HTML 6Page - NXP Semiconductors ASL5015FHN Datasheet HTML 7Page - NXP Semiconductors ASL5015FHN Datasheet HTML 8Page - NXP Semiconductors ASL5015FHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
3 / 69
2 Features
• Automotive grade product that is AEC-Q100 grade 1 and AEC-Q006 qualified
• Operating ambient temperature range of –40 °C to +125 °C
• Maximum junction temperature of 175 °C
• Operating input voltage 5 V ± 0.5 V. Vcc pin.
• Able to drive up to 12 LEDs / segments, with a string voltage range up to 57 V
• Able to drive multiple LEDs per switch (MTP configurable)
• 12 channels, arranged in 4 configurable blocks of 3 switches per block
• Each block of three can fully float up to 60 V with respect to ground and can be
paralleled with any other block
• Each switch can control up to 1.5 A LED current in the ASL5x15yHz family and up to
0.8 A in the ASL5x08yHz family
• 100 mΩ (Rdson) switches for 1.5 A part numbers and 200 mΩ for 0.8 A part numbers
• PWM dimming with 12-bit resolution and built-in phase shifting for minimum losses
• Internal PWM duty cycle generator with incremental calculation for glitch-free operation
in the ASL50xxyHz family—Smart
• On-chip storage of preprogrammed PWM curves to reduce data traffic in ASL50xxyHz
family—Smart
• LED brightness variation correction functionality
• On-chip 200 MHz oscillator, avoiding need for external quartz
• CAN-based serial interface with optional external CAN physical layer
• Broadcast messages to reduce system latency and bus load
• Low Electromagnetic Emission (EME) and high Electromagnetic Immunity (EMI)
• Individual LED open and LED short-fault monitoring, with bypass feature on open
condition
• NTC input with 6-bit resolution for LED temperature monitoring; directly connected to
MLC
• Identification resistor input
• MLC can be used in a configuration of up to 32 ICs in a single CAN network
• Small package outline, leadless HVQFN package with improved Automated Optical
Inspection (AOI) capability and leaded HLQFP package
• Low operational current consumption
• Sleep and wake-up modes available
• Standby current consumption < 1.35 mA
• Input under voltage protection
• 9-bit resolution IC junction temperature feedback via CAN interface
• Internally programmed Limp Home Mode (LHM) in case of communication failure
• Built-in charge pump failure operation mode (CPFSO)
3 Applications
• Automotive lighting
– Matrix/pixel high beam (ADB / Glare-Free High Beam - GFHB)
– Matrix/pixel low beam (ADB)
– Dynamic turning indicator
– Welcoming scenarios
– Dynamic rear lights



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com