Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 51 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 47Page - NXP Semiconductors ASL5015FHN Datasheet HTML 48Page - NXP Semiconductors ASL5015FHN Datasheet HTML 49Page - NXP Semiconductors ASL5015FHN Datasheet HTML 50Page - NXP Semiconductors ASL5015FHN Datasheet HTML 51Page - NXP Semiconductors ASL5015FHN Datasheet HTML 52Page - NXP Semiconductors ASL5015FHN Datasheet HTML 53Page - NXP Semiconductors ASL5015FHN Datasheet HTML 54Page - NXP Semiconductors ASL5015FHN Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
51 / 69
16 Thermal characteristics
Table 48. Thermal characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134)
Symbol Parameter
Conditions
Typ
Unit
HVQFN36
2.1
K/W
Rth(j-mb)
Thermal impedance junction to mounting base
HLQFP48
3.1
K/W
17 Static characteristics
Table 49. Static characteristics
In accordance with the Absolute Maximum Rating System (IEC 60134)
VCC = 4.5 V to 5.5 V; Tj = −40 °C to +175 °C; all voltages are defined with respect to ground; positive currents flow into the
IC.
Typical values are given at VCC = 5 V; Tj = 25 °C unless otherwise specified
Symbol
Parameter/Pin
Conditions
Min
Typ
Max
Unit
RDSon
Rdson per switch
ASL5x15yHz
—
100
200
mΩ
RDSon
Rdson per switch
ASL5x08yHz
—
200
400
mΩ
RBond
Total bond wire resistance per
individual block
ASL5x15yHz
—
—
100
mΩ
RBond
Total bond wire resistance per
individual block
ASL5x08yHz
—
—
180
mΩ
MTP OC Bit = 0
5
6
7
V
Vth(det)load(oc) LED Open Circuit detection level
MTP OC Bit = 1
15.25
17
18.5
V
Vth(det)load(sc) LED Short Circuit detection level
—
0.5
1
1.5
V
RPU
Address pin (A0 to A4) pull up resistor
(weak pull up resistor)
IO = 0
46
62
79
KΩ
fosc(cp)
Charge pump frequency
—
4.5
5
5.5
MHz
fosc(CAN)
CAN clock frequency
—
—
10
—
MHz
tclk(CAN)
CAN clock time accuracy
Message cycle < 10 ms
—
0.25
—
%
Ien(NTC)
NTC enable current
—
412
440
468
µA
INTC(oc)
NTC open detection current
—
22.5
25
27.5
µA
Nres(ADC)
ADC resolution
—
—
—
9
bit
Nres(ADC-LSB) ADC LSB resolution
—
—
1.1 /
511
—
V
Vth(det)load(oc)
(NTC)
NTC open detection
25 µA
1.1
—
—
V
Ien(ID)
ID resistor current
—
22.5
25
27.5
µA
ID = 000
79
—
160
mV
ID = 001
160
—
242
mV
ID = 010
242
—
320
mV
ΔVID
ID resistor ranges
ID = 011
320
—
396
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com