Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 25 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 21Page - NXP Semiconductors ASL5015FHN Datasheet HTML 22Page - NXP Semiconductors ASL5015FHN Datasheet HTML 23Page - NXP Semiconductors ASL5015FHN Datasheet HTML 24Page - NXP Semiconductors ASL5015FHN Datasheet HTML 25Page - NXP Semiconductors ASL5015FHN Datasheet HTML 26Page - NXP Semiconductors ASL5015FHN Datasheet HTML 27Page - NXP Semiconductors ASL5015FHN Datasheet HTML 28Page - NXP Semiconductors ASL5015FHN Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
25 / 69
Bit
Symbol
Description
6 to 1 NTC
NTC (voltage drop in the NTC resistance).
111001 — 0,980 (70 °C)
110111 — 0,951 (71 °C)
110101 — 0,924 (72 °C)
110100 — 0,897 (73 °C)
110010 — 0,871 (74 °C)
...
000111 — 0.136 (150 °C)
0
NTCFAIL
NTC fail
0 — No Open or Short condition is detected in the NTC pin
1 — An Open or Short condition is detected in the NTC pin
Table 16. ID - ID control register (address 3Ah) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
OTW_1
OTW_2
POK
LHM_STATUS
IDENTIFICATION
ID-FAIL
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 17. ID - ID control register (address 3Ah) bit description
Bit
Symbol
Description
7
OTW_1
Overtemperature Warning 1
0 — The junction temperature does not reach the programmed threshold
1 — The junction temperature reaches the programmed threshold
6
OTW_2
Overtemperature Warning 2
0 — The junction temperature does not reach the programmed threshold
1 — The junction temperature reaches the programmed threshold
5
POK
MLC IC check
0 — MLC IC is not working properly or not fully operational
1 — MLC IC is working properly and fully operational
4
LHM_STATUS
Limp Home mode status
0 — MLC is not in LHM state
1 — The device is in Limp Home mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com