Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 52 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 48Page - NXP Semiconductors ASL5015FHN Datasheet HTML 49Page - NXP Semiconductors ASL5015FHN Datasheet HTML 50Page - NXP Semiconductors ASL5015FHN Datasheet HTML 51Page - NXP Semiconductors ASL5015FHN Datasheet HTML 52Page - NXP Semiconductors ASL5015FHN Datasheet HTML 53Page - NXP Semiconductors ASL5015FHN Datasheet HTML 54Page - NXP Semiconductors ASL5015FHN Datasheet HTML 55Page - NXP Semiconductors ASL5015FHN Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
52 / 69
Symbol
Parameter/Pin
Conditions
Min
Typ
Max
Unit
ID = 100
396
—
486
mV
ID = 101
486
—
603
mV
ID = 110
603
—
739
mV
ID = 111
739
—
905
mV
Vth(det)load(sc)
(ID)
ID resistor short state
—
0
—
80
mV
Vth(det)load(oc)
(ID)
ID resistor open state
—
905
—
1100
mV
Output
—
12
—
bits
Nres(PWM)
PWM Resolution
Internal
—
20
—
bits
fdata(CAN)
CAN data rate
MTP reg. 0x60h, bits 2-3 =
00
—
125
—
Kbps
fdata(CAN)
CAN data rate
MTP reg. 0x60h, bits 2-3 =
01
—
250
—
Kbps
fdata(CAN)
CAN data rate
MTP reg. 0x60h, bits 2-3 =
10
—
500
—
Kbps
fdata(CAN)
CAN data rate
MTP reg. 0x60h, bits 2-3 =
11
—
1000
—
Kbps
VVCC
VCC operational range
—
4.5
5
5.5
V
VVCC(latch)reset VCC under voltage threshold
Threshold only used during
Vcc ramp up
4
—
4.5
V
VIH
I/O High level input voltage (TxD, Rxd,
A0 – A4)
—
0.7 x
VCC
—
VCC
+ 0.5
V
VIL
I/O Low level input voltage (TxD, Rxd,
A0 – A4)
—
–0.2
—
0.3 x
VCC
V
IP(sleep)
Sleep mode supply current
VCC = 5 V, MLC address =
11111 (31), Tj<125 °C
0.7
0.9
1.35
mA
CTXD
TXD pin capacitance
—
TXD1 and TXD2[1]
—
1.5
2
pF
CRXD
RXD pin capacitance
RXD1 and RXD2[1]
—
1.5
2
pF
ICC
MLC supply current
Vcc = 5 V, MLC address =
11111 (31), Charge pump
idle. Tj = 150 °C
—
7.8
10
mA
ICp
Current consumption of the charge
pump
Charge pump toggling with
no switching. Tj = 150 °C.
VCC = 5 V
0.3
0.36
mA
ICAN
Current consumption due to full CAN
communication
1
mA
IAx
Pins A0 to A4 current consumption
Pin grounded. Vcc = 5 V[2]
63
80
109
µA
VUVLO
Under voltage Lockout level
Threshold only used during
Vcc ramp down
3.9
4.3
4.5
V
Vhys(det)uv
VCC under voltage hysteresis
—
30
100
120
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com