Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 48 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 44Page - NXP Semiconductors ASL5015FHN Datasheet HTML 45Page - NXP Semiconductors ASL5015FHN Datasheet HTML 46Page - NXP Semiconductors ASL5015FHN Datasheet HTML 47Page - NXP Semiconductors ASL5015FHN Datasheet HTML 48Page - NXP Semiconductors ASL5015FHN Datasheet HTML 49Page - NXP Semiconductors ASL5015FHN Datasheet HTML 50Page - NXP Semiconductors ASL5015FHN Datasheet HTML 51Page - NXP Semiconductors ASL5015FHN Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
48 / 69
Register
Bit D3
Bit D2
Data rate
1
1
1 Mb/sec
Table 42. Open circuit (OC) threshold selection (58h, 59h, 5Ah and 5Bh)
Bit
Bit D4
OC Threshold[1]
0
6 V ±1 V
4
1
17 V ±1.5 V (default)
[1]
When driving one LED, the default configuration should be used (6 V ±1 V), but if the switch is associated with a segment
(more than one LED), the nondefault threshold should be selected (17 V ±1.5 V)
Table 43. System configuration. Single / Multiple MLC
Register
Bit D1
System configuration
0
Single
60h
1
Multiple (default)
Table 44. Scaling factor selection (5Ch, 5Dh, 5Eh and 5Fh)
Bit D4
Bit D3
Bit D2
Bit D1
Bit D0
Value
Reduction
Percentage (%)
0
0
0
0
0
0
0 (Default)
0
0
0
0
1
1
0.78
0
0
0
1
0
2
1.56
0
0
0
1
1
3
2.34
0
0
1
0
0
4
3.13
0
0
1
0
1
5
3.91
0
0
1
1
0
6
4.69
0
0
1
1
1
7
5.47
0
1
0
0
0
8
6.25
0
1
0
0
1
9
7.03
0
1
0
1
0
10
7.81
0
1
0
1
1
11
8.59
0
1
1
0
0
12
9.38
0
1
1
0
1
13
10.16
0
1
1
1
0
14
10.94
0
1
1
1
1
15
11.72
1
0
0
0
0
16
12.5
1
0
0
0
1
17
13.28
1
0
0
1
0
18
14.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com