Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 65 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 61Page - NXP Semiconductors ASL5015FHN Datasheet HTML 62Page - NXP Semiconductors ASL5015FHN Datasheet HTML 63Page - NXP Semiconductors ASL5015FHN Datasheet HTML 64Page - NXP Semiconductors ASL5015FHN Datasheet HTML 65Page - NXP Semiconductors ASL5015FHN Datasheet HTML 66Page - NXP Semiconductors ASL5015FHN Datasheet HTML 67Page - NXP Semiconductors ASL5015FHN Datasheet HTML 68Page - NXP Semiconductors ASL5015FHN Datasheet HTML 69Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
65 / 69
20 Revision history
Table 52. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
ASL5xxxyHN v.1.1
20180829
Product
VUVLO change from
4.1 to 3.9 V
VVCC(latch)reset change
from 4.05 to 4 V
AEC Q006 notation
was added in general
description section
ASL5xxxyHz v.2
20180907
Product
Integrates HLQFP48
part numbers
Includes HLQFP48
package description,
package thermal
resistance, CDM
corner pins (limiting
values) and pinning
information
ASL5xxxyHN v. 1.1
ASL5xxxyHz V.2.1
20190205
Product
VMAX was updated
from 57 V to 60 V;
Vvmax pin max rating
value was updated
from 57 V to 60 V; Vcp
pin max rating value
was updated from 69 V
to 72 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com