Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 17 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 13Page - NXP Semiconductors ASL5015FHN Datasheet HTML 14Page - NXP Semiconductors ASL5015FHN Datasheet HTML 15Page - NXP Semiconductors ASL5015FHN Datasheet HTML 16Page - NXP Semiconductors ASL5015FHN Datasheet HTML 17Page - NXP Semiconductors ASL5015FHN Datasheet HTML 18Page - NXP Semiconductors ASL5015FHN Datasheet HTML 19Page - NXP Semiconductors ASL5015FHN Datasheet HTML 20Page - NXP Semiconductors ASL5015FHN Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
17 / 69
simulation tool supports both signed coefficients and shows the system behavior in any
possible condition.
8.4.1 Channel programming registers map
Table 4. Curve selection, auto-bit, shift value, start/stop positions and delay factor (Read/Write)
Address
Register
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
CURVID1
SHIFT1[2:0]
AUTO1
NOW1
CURVEID1[2:0]
00000000
01h
STARTPOS1
STARTPOS1[7:0]
00000000
02h
STOPPOS1
STOPPOS1[7:0]
11111111
03h
DELAY1
DELAY1[7:0]
00000000
04h
CURVID2
SHIFT2[2:0]
AUTO2
NOW2
CURVEID2[2:0]
00000000
05h
STARTPOS2
STARTPOS2[7:0]
00000000
06h
STOPPOS2
STOPPOS2[7:0]
11111111
07h
DELAY2
DELAY2[7:0]
00000000
08h
CURVID3
SHIFT3[2:0]
AUTO3
NOW3
CURVEID3[2:0]
00000000
09h
STARTPOS3
STARTPOS3[7:0]
00000000
0Ah
STOPPOS3
STOPPOS3[7:0]
11111111
0Bh
DELAY3
DELAY3[7:0]
00000000
0Ch
CURVID4
SHIFT4[2:0]
AUTO4
NOW4
CURVEID4[2:0]
00000000
0Dh
STARTPOS4
STARTPOS4[7:0]
00000000
0Eh
STOPPOS4
STOPPOS4[7:0]
11111111
0Fh
DELAY4
DELAY4[7:0]
00000000
10h
CURVID5
SHIFT5[2:0]
AUTO5
NOW5
CURVEID5[2:0]
00000000
11h
STARTPOS5
STARTPOS5[7:0]
00000000
12h
STOPPOS5
STOPPOS5[7:0]
11111111
13h
DELAY5
DELAY5[7:0]
00000000
14h
CURVID6
SHIFT6[2:0]
AUTO6
NOW6
CURVEID6[2:0]
00000000
15h
STARTPOS6
STARTPOS6[7:0]
00000000
16h
STOPPOS6
STOPPOS6[7:0]
11111111
17h
DELAY6
DELAY6[7:0]
00000000
18h
CURVID7
SHIFT7[2:0]
AUTO7
NOW7
CURVEID7[2:0]
00000000
19h
STARTPOS7
STARTPOS7[7:0]
00000000
1Ah
STOPPOS7
STOPPOS7[7:0]
11111111
1Bh
DELAY7
DELAY7[7:0]
00000000
1Ch
CURVID8
SHIFT8[2:0]
AUTO8
NOW8
CURVEID8[2:0]
00000000
1Dh
STARTPOS8
STARTPOS8[7:0]
00000000
1Eh
STOPPOS8
STOPPOS8[7:0]
11111111
1Fh
DELAY8
DELAY8[7:0]
00000000
20h
CURVID9
SHIFT9[2:0]
AUTO9
NOW9
CURVEID9[2:0]
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com