Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5015FHN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ASL5015FHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5015FHN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ASL5015FHN Datasheet HTML 4Page - NXP Semiconductors ASL5015FHN Datasheet HTML 5Page - NXP Semiconductors ASL5015FHN Datasheet HTML 6Page - NXP Semiconductors ASL5015FHN Datasheet HTML 7Page - NXP Semiconductors ASL5015FHN Datasheet HTML 8Page - NXP Semiconductors ASL5015FHN Datasheet HTML 9Page - NXP Semiconductors ASL5015FHN Datasheet HTML 10Page - NXP Semiconductors ASL5015FHN Datasheet HTML 11Page - NXP Semiconductors ASL5015FHN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
8 / 69
Symbol
Pin
Description
A0
19
Address bit 0
A1
20
Address bit 1
A2
21
Address bit 2
A3
22
Address bit 3
A4
23
Address bit 4
ID
24
Connection for the identification resistor
GND
25
Ground
NTC
26
Connection to the NTC
Internally connected
27
ICP (Internally Connected Pin) – Connect to ground
SW7
28
Drain of switch 6
SW6
29
Source of switch 6 and drain of switch 5
SW5
30
Source of switch 5 and drain of switch 4
SW4
31
Source of switch 4
NC
32
Not Connected
SW3
33
Drain of switch 3
SW2
34
Source of switch 3 and drain of switch 2
SW1
35
Source of switch 2 and drain of switch 1
SW0
36
Source of switch 1
EXP
37
Exposed pad – Connect it to ground
NC pins are inserted between two blocks of switches to prevent high voltages between
two adjacent pins. An NC pin is also inserted between VMAX and TXD pins. NC pins
must float.
The exposed center pad of the package is internally connected to ground. For enhanced
thermal and electrical performance, it is highly recommended to connect the exposed
center pad the the board's ground.
Both RXD pins and both TXD pins are internally connected to facilitate single-layer PCB
layout without jumpers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com