Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 57 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 57 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 53Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 54Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 55Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 56Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 57Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 58Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 59Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 60Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 61Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
57 of 183
Table 6-B. Receive V.54 Search Routine
STEP
DIRECTION
FUNCTION
1
Set up the channel search
By configuring the RV54 bit in the R[n]CFG[j] register, the host
determines in which DS0 channels the V.54 search is to take place. If
this search sequence does not detect the V.54 pattern, the host can pick
some new DS0 channels and try again.
2
Toggle VRST
Once the DS0 channels have been set, the host toggles the VRST bit in
the RP[n]CR register and begins monitoring the SLBP status bit.
3
Wait for SLBP
The SLBP status bit reports any change of state in the V.54 search
process. It can also generate a hardware interrupt (Section 5). When
SLBP is set, the host knows that something significant has occurred and
that it should read the VLB and VTO real-time status bits in the
RP[n]CR register.
4
Read VTO and VLB
If VTO = 1, the V.54 pattern did not appear in this set of channels and
the host can reconfigure the search in other DS0 channels and move
back to Step #1.
If VLB = 1, the V.54 loop-up pattern has been detected and the channel
should be placed into loopback. A loopback can be invoked by the host
by configuring the CNLB bit in the T[n]CFG[j] register for each DS0
channel that needs to be placed into loopback. Move back to Step #3.
If VLB = 0, if the DS0 channels are already in loopback, the host
monitors VLB to know when the loop-down pattern has been detected
and when to take the channels out of loopback. The DS0 channels are
taken out of loopback by again configuring the CNLB bits. Move on to
Step #1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com