Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 82 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 78Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 79Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 80Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 81Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 82Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 83Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 84Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 85Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
82 of 183
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to read data from the internal transmit low-
watermark RAM, this bit should be written to 1 by the host. This causes the device to begin obtaining the data
from the channel location indicated by the HCID bits. During the read access, the IAB bit is set to 1. Once the data
is ready to be read from the TFLWM register, the IAB bit is set to 0. When the host wishes to write data to the
internal transmit low-watermark RAM, this bit should be written to 0 by the host. This causes the device to take
the data that is currently present in the TFLWM register and write it to the channel location indicated by the HCID
bits. When the device has completed the write, the IAB is set to 0.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until the data is ready to be read. It is set to 0 when the data is
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation has completed.
Register Name:
TFLWM
Register Description:
Transmit FIFO Low Watermark
Register Address:
09A4h
Bit #
7
6
5
4
3
2
1
0
Name
TLWM7
TLWM6
TLWM5
TLWM4
TLWM3
TLWM2
TLWM1
TLWM0
Default
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
TLWM9
TLWM8
Default
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 9/Low Watermark (TLWM0 to TLWM9). These bits indicate the setting of the transmit low
watermark. The low watermark setting is the number of blocks left in the transmit FIFO before the DMA gets
more data from the PCI bus. The low-watermark setting must be between (inclusive) one block and one less than
the number of blocks in the link-list chain for the particular channel involved. For example, if five blocks are
linked together, the low watermark can be set to 1, 2, or 3. In other words, the low watermark can be set at a value
of 1 to N - 2, where N = number of block linked together. Any other numbers are illegal.
0000000000 (000h) = invalid setting
0000000001 (001h) = low watermark is 1 block
0000000010 (002h) = low watermark is 2 blocks
0111111111 (1FFh) = low watermark is 511 blocks
1111111111 (3FFh) = low watermark is 1023 blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com