Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 19Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 20Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 21Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 22Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 23Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 24Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 25Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 26Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
23 of 183
these signals are always outputs during the address phase. They remain outputs for the data phase(s) in a write
transaction and become inputs for a read transaction. When the device is a target, these signals are always inputs
during the address phase. They remain inputs for the data phase(s) in a read transaction and become outputs for a
write transaction. When the device is not involved in a bus transaction, these signals remain tri-stated. These
signals are always updated and sampled on the rising edge of PCLK.
Signal Name:
PCBE0/PCBE1/PCBE2/PCBE3
Signal Description:
PCI Bus Command and Byte Enable
Signal Type:
Input/Output (tri-state capable)
Bus command and byte enables are multiplexed onto the same PCI signals. During an address phase, these signals
define the bus command. During the data phase, these signals are used as byte enables. During data phases,
PCBE0 refers to the PAD[7:0] and PCBE3 refers to PAD[31:24]. When this signal is high, the associated byte is
invalid; when low, the associated byte is valid. When the device is an initiator, this signal is an output and is
updated on the rising edge of PCLK. When the device is a target, this signal is an input and is sampled on the
rising edge of PCLK. When the device is not involved in a bus transaction, these signals are tri-stated.
Signal Name:
PPAR
Signal Description:
PCI Bus Parity
Signal Type:
Input/Output (tri-state capable)
This signal provides information on even parity across both the PAD address/data bus and the PCBE bus
command/byte enable bus. When the device is an initiator, this signal is an output for writes and an input for reads.
It is updated on the rising edge of PCLK. When the device is a target, this signal is an input for writes and an
output for reads. It is sampled on the rising edge of PCLK. When the device is not involved in a bus transaction,
PPAR is tri-stated.
Signal Name:
PFRAME
Signal Description:
PCI Cycle Frame
Signal Type:
Input/Output (tri-state capable)
This active-low signal is created by the bus initiator and is used to indicate the beginning and duration of a bus
transaction.
PFRAME is asserted by the initiator during the first clock cycle of a bus transaction and remains
asserted until the last data phase of a bus transaction. When the device is an initiator, this signal is an output and is
updated on the rising edge of PCLK. When the device is a target, this signal is an input and is sampled on the
rising edge of PCLK. When the device is not involved in a bus transaction,
PFRAME is tri-stated.
Signal Name:
PIRDY
Signal Description:
PCI Initiator Ready
Signal Type:
Input/Output (tri-state capable)
The initiator creates this active-low signal to signal the target that it is ready to send/accept or to continue
sending/accepting data. This signal handshakes with the
PTRDY signal during a bus transaction to control the rate
at which data transfers across the bus. During a bus transaction,
PIRDY is deasserted when the initiator cannot
temporarily accept or send data, and a wait state is invoked. When the device is an initiator, this signal is an output
and is updated on the rising edge of PCLK. When the device is a target, this signal is an input and is sampled on
the rising edge of PCLK. When the device is not involved in a bus transaction,
PIRDY is tri-stated.
Signal Name:
PTRDY
Signal Description:
PCI Target Ready
Signal Type:
Input/Output (tri-state capable)
The target creates this active-low signal to signal the initiator that it is ready to send/accept or to continue
sending/accepting data. This signal handshakes with the
PIRDY signal during a bus transaction to control the rate
at which data transfers across the bus. During a bus transaction,
PTRDY is deasserted when the target cannot
temporarily accept or send data, and a wait state is invoked. When the device is a target, this signal is an output
and is updated on the rising edge of PCLK. When the device is an initiator, this signal is an input and is sampled
on the rising edge of PCLK. When the device is not involved in a bus transaction,
PTRDY is tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com