Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 85 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 85 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 81Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 82Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 83Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 84Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 85Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 86Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 87Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 88Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 89Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
85 of 183
9.2 Receive Side
9.2.1 Overview
The receive DMA uses a scatter-gather technique to write packet data into main memory. The host keeps
track of and decides where the DMA should place the incoming packet data. There are a set of
descriptors that get handed back and forth between the DMA and the host. Through these descriptors, the
host can inform the DMA where to place the packet data and the DMA can tell the host when the data is
ready to be processed.
The operation of the receive DMA has three main areas, as shown in Figure 9-1, Figure 9-2, and
Table 9-B. The host writes to the free-queue descriptors informing the DMA where it can place the
incoming packet data. Associated with each free data buffer location is a free packet descriptor where the
DMA can write information to inform the host about the attributes of the packet data (i.e., status
information, number of bytes, etc.) that it outputs. To accommodate the various needs of packet data, the
host can quantize the free data buffer space into two different buffer sizes. The host sets the size of the
buffers through the receive large buffer size (RLBS) and the receive small buffer size (RSBS) registers.
Register Name:
RLBS
Register Description:
Receive Large Buffer Size Select
Register Address:
0790h
Bit #
7
6
5
4
3
2
1
0
Name
LBS7
LBS6
LBS5
LBS4
LBS3
LBS2
LBS1
LBS0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
LBS12
LBS11
LBS10
LBS9
LBS8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 12/Large Buffer Select Bit (LBS0 to LBS12)
0000000000000 (0000h) = buffer size is 0 Bytes
1111111111100 (1FFCh) = buffer size is 8188 Bytes
Register Name:
RSBS
Register Description:
Receive Small Buffer Size Select
Register Address:
0794h
Bit #
7
6
5
4
3
2
1
0
Name
SBS7
SBS6
SBS5
SBS4
SBS3
SBS2
SBS1
SBS0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
SBS12
SBS11
SBS10
SBS9
SBS8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 12/Small Buffer Select Bit (SBS0 to SBS12)
0000000000000 (0000h) = buffer size is 0 Bytes
1111111111100 (1FFCh) = buffer size is 8188 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com