Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 91 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 91 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 87Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 88Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 89Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 90Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 91Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 92Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 93Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 94Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 95Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
91 of 183
Figure 9-4. Receive Packet Descriptors
dword 0
Data Buffer Address (32)
dword 1
BUFS (3)
Byte Count (13)
Next Descriptor Pointer (16)
dword 2
Timestamp (24)
HDLC Channel (8)
dword 3
unused (32)
Note: The organization of the receive descriptor is not affected by the enabling of Big Endian.
dword 0; Bits 0 to 31/Data Buffer Address. Direct 32-bit starting address of the data buffer that is associated
with this receive descriptor.
dword 1; Bits 0 to 15/Next Descriptor Pointer. This 16-bit value is the offset from the receive descriptor base
address of the next descriptor in the chain. Only valid if buffer status = 001 or 010. Note: This is an index, not
absolute address.
dword 1; Bits 16 to 28/Byte Count. Number of bytes stored in the data buffer. Maximum is 8188 Bytes (0000h =
0 Bytes / 1FFCh = 8188 Bytes).
dword 1; Bits 29 to 31/Buffer Status. Must be one of the three states listed below.
001 = first buffer of a multiple buffer packet
010 = middle buffer of a multiple buffer packet
100 = last buffer of a multiple or single buffer packet (equivalent to EOF)
dword 2; Bits 0 to 7/HDLC Channel Number. HDLC channel number, which can be from 1 to 256.
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
dword 2; Bits 8 to 31/Timestamp. When each descriptor is written into memory by the DMA, this 24-bit
timestamp is provided to keep track of packet arrival times. The timestamp is based on the PCLK frequency
divided by 16. For a 33MHz PCLK, the timestamp increments every 485ns and rolls over every 8.13 seconds. For
a 25MHz clock, the timestamp increments every 640ns and rolls over every 10.7 seconds. The host can calculate
the difference in packets’ arrival times by knowing the PCLK frequency and then taking the difference in
timestamp readings between consecutive packet descriptors.
dword 3; Bits 0 to 31/Unused. Not written to by the DMA. Can be used by the host. Application Note: dword 3
is used by the transmit DMA and, in store and forward applications, the receive and transmit packet descriptors
have been designed to eliminate the need for the host to groom the descriptors before transmission. In these type of
applications, the host should not use dword 3 of the receive packet descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com