Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 80 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 80 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 76Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 77Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 78Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 79Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 80Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 81Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 82Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 83Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 84Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
80 of 183
Bits 0 to 7/HDLC Channel ID (HCID0 to HCID7)
00000000 (00h) = HDLC channel number 1
11111111 (FFh) = HDLC channel number 256
Bit 14/Indirect Access Read/Write (IARW). When the host wishes to write data to the internal transmit starting
block pointer RAM, this bit should be written to 1 by the host. This causes the device to take the data that is in the
TFSBP register and write it to the channel location indicated by the HCID bits. When the device has completed the
write, the IAB is set to 0.
Note: The TFSBP register is write-only memory. Once this register has been written to and the operation has
started, the DS31256 internal state machine changes the value in this memory.
Bit 15/Indirect Access Busy (IAB). When an indirect read or write access is in progress, this read-only bit is set
to 1. During a read operation, this bit is set to 1 until the data is ready to be read. It is set to 0 when the data is
ready to be read. During a write operation, this bit is set to 1 while the write is taking place. It is set to 0 once the
write operation has completed.
Register Name:
TFSBP
Register Description:
Transmit FIFO Starting Block Pointer
Register Address:
0984h
Bit #
7
6
5
4
3
2
1
0
Name
TSBP7
TSBP6
TSBP5
TSBP4
TSBP3
TSBP2
TSBP1
TSBP0
Default
Bit #
15
14
13
12
11
10
9
8
Name
n/a
n/a
n/a
n/a
n/a
n/a
TSBP9
TSBP8
Default
Note: Bits that are underlined are read-only; all other bits are read-write.
Bits 0 to 9/Starting Block Pointer (TSBP0 to TSBP9). These bits determine which of the 1024 blocks within the
transmit FIFO the host wants the device to configure as the starting block for a particular HDLC channel. Any of
the blocks within a chain of blocks for an HDLC channel can be configured as the starting block. When these bits
are read, they report the current block pointer being used to read data from the transmit FIFO by the HDLC Layer
2 engines.
0000000000 (000h) = use block 0 as the starting block
0111111111 (1FFh) = use block 511 as the starting block
1111111111 (3FFh) = use block 1023 as the starting block
Register Name:
TFBPIS
Register Description:
Transmit FIFO Block Pointer Indirect Select
Register Address:
0990h
Bit #
7
6
5
4
3
2
1
0
Name
BLKID7
BLKID6
BLKID5
BLKID4
BLKID3
BLKID2
BLKID1
BLKID0
Default
0
0
0
0
0
0
0
0
Bit #
15
14
13
12
11
10
9
8
Name
IAB
IARW
n/a
n/a
n/a
n/a
BLKID9
BLKID8
Default
0
0
0
0
0
0
0
0
Note: Bits that are underlined are read-only; all other bits are read-write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com