Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 55Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 56Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 57Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 58Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 59Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 60Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 61Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 62Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
59 of 183
Figure 6-6. Receive V.54 State Machine
VRST = 1
VLB = 0
VTO = 0
SLBP = 0
Search for
Loop Up
Pattern for
32 VCLKs
Reset 4 second timer;
wait for Loss of Sync or
All 1s (64 in a Row)
or for the 4 second
timer to expire
Search for
Loop Down
Pattern
VLB = 1
Sync = 0
VLB = 0
Sync = 1
VTO = 1
Sync = 0
Sync = 0 or
4 Second Timer
Has Expired
Sync = 1
All Ones
Time Out (VTO)
Loopback (VLB);
both in RP[n]CR
V.54 State
Machine
CLK
Data
VRST (in RP[n]CR)
v54sm
All Ones
SYSCLK
Sysclk is used only to time
a 4 second timer. It is run into
a 2E27 counter which provides
a 4.03 second time out with a
33MHz clock and a 5.37 second
time out with a 25MHz clock
wait for Loss of Sync or
All 1s (64 in a Row)
Sync = 0
Change of
State in Status
(SLBP); in SV54
SLBP = 1
SLBP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com