Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 13Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 14Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 15Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 16Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 17Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 18Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 19Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 20Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
17 of 183
PIN
NAME
TYPE
FUNCTION
A4
TD14
O
Transmit Serial Data for Port 14
B3
TD15
O
Transmit Serial Data for Port 15
C3
TEST
I
Test. Factory tests signal; leave open circuited
E4
TS0
I
Transmit Serial Sync for Port 0
F3
TS1
I
Transmit Serial Sync for Port 1
G1
TS2
I
Transmit Serial Sync for Port 2
J2
TS3
I
Transmit Serial Sync for Port 3
N2
TS4
I
Transmit Serial Sync for Port 4
R2
TS5
I
Transmit Serial Sync for Port 5
T3
TS6
I
Transmit Serial Sync for Port 6
W1
TS7
I
Transmit Serial Sync for Port 7
A17
TS8
I
Transmit Serial Sync for Port 8
B15
TS9
I
Transmit Serial Sync for Port 9
B13
TS10
I
Transmit Serial Sync for Port 10
B11
TS11
I
Transmit Serial Sync for Port 11
B9
TS12
I
Transmit Serial Sync for Port 12
A6
TS13
I
Transmit Serial Sync for Port 13
B5
TS14
I
Transmit Serial Sync for Port 14
C4
TS15
I
Transmit Serial Sync for Port 15
D6, D10, D11, D15,
F4, F17, K4, K17,
L4, L17, R4, R17,
U6, U10, U11, U15
VDD
Positive Supply. 3.3V (±10%)
A1, D4, D8, D9,
D13, D17, H4, H17,
J17, M4, N4, N17,
U4, U8, U12, U13,
U17
VSS
Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com