Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS31256 Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 70Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 71Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 72Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 73Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 74Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 75Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 76Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 77Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
74 of 183
8. FIFO
8.1 General Description and Example
The DS31256 contains one 16kB FIFO for the receive path and another 16kB FIFO for the transmit path.
Both of these FIFOs are organized into blocks. Since a block is defined as 4 dwords (16 Bytes), each
FIFO is made up of 1024 blocks. Figure 8-1 shows an FIFO example.
The FIFO contains a state machine that is constantly polling the 16 ports to determine if any data is ready
for transfer to/from the FIFO from/to the HDLC engines. The 16 ports are priority decoded with port 0
getting the highest priority and port 15 getting the lowest priority. Therefore, all the enabled HDLC
channels on the lower numbered ports are serviced before the higher numbered ports. As long as the
maximum throughput rate of 132Mbps is not exceeded, the DS31256 ensures there is enough bandwidth
in this transfer to prevent any data loss between the HDLC engines and the FIFO.
The FIFO also controls which HDLC channel the DMA should service to read data out of the FIFO on
the receive side and to write data into the FIFO on the transmit side. Which channel gets the highest
priority from the FIFO is configurable through some control bits in the master configuration register
(Section 5.2). There are two control bits for the receive side (RFPC0 and RFPC1) and two control bits
for the transmit side (TFPC0 and TFPC1) that determine the priority algorithm as shown in Table 8-A.
Table 8-A. FIFO Priority Algorithm Select
OPTION
HDLC CHANNELS THAT ARE
PRIORITY DECODED
HDLC CHANNELS THAT ARE SERVICED
ROUND ROBIN
1
None
1 to 256
2
1 to 3
4 to 256
3
16 to 1
17 to 256
4
64 to 1
65 to 256
To maintain maximum flexibility for channel reconfiguration, each block within the FIFO can be
assigned to any of the 256 HDLC channels. Also, blocks are link-listed together to form a chain whereby
each block points to the next block in the chain. The minimum size of the link-listed chain is 4 blocks
(64 Bytes) and the maximum is the full size of the FIFO, which is 1024 blocks.
To assign a set of blocks to a particular HDLC channel, the host must configure the starting block pointer
and the block pointer RAM. The starting block pointer assigns a particular HDLC channel to a set of
link-listed blocks by pointing to one of the blocks within the chain (it does not matter which block in the
chain is pointed to). The block pointer RAM must be configured for each block that is being used within
the FIFO. The block pointer RAM indicates the next block in the link-listed chain.
Figure 8-1 shows an example of how to configure the starting block pointer and the block pointer RAM.
In this example, only three HDLC channels are being used (channels 2, 6, and 16). The device knows
that channel 2 has been assigned to the eight link-listed blocks of 112, 118, 119, 120, 121, 122, 125, and
126 because a block pointer of 125 has been programmed into the channel 2 position of the starting
block pointer. The block pointer RAM tells the device how to link the eight blocks together to form a
circular chain.
The host must set the watermarks for the receive and transmit paths. The receive path has a high
watermark and the transmit path has a low watermark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com